Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAQ430 Datasheet(PDF) 13 Page - MPS Industries, Inc.

Part # MAQ430
Description  12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MAQ430 Datasheet(HTML) 13 Page - MPS Industries, Inc.

Back Button MAQ430 Datasheet HTML 9Page - MPS Industries, Inc. MAQ430 Datasheet HTML 10Page - MPS Industries, Inc. MAQ430 Datasheet HTML 11Page - MPS Industries, Inc. MAQ430 Datasheet HTML 12Page - MPS Industries, Inc. MAQ430 Datasheet HTML 13Page - MPS Industries, Inc. MAQ430 Datasheet HTML 14Page - MPS Industries, Inc. MAQ430 Datasheet HTML 15Page - MPS Industries, Inc. MAQ430 Datasheet HTML 16Page - MPS Industries, Inc. MAQ430 Datasheet HTML 17Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
MAQ430 – 12-BIT, AUTOMOTIVE ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MAQ430 Rev. 1.2
www.MonolithicPower.com
13
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
SPI Communication
The sensor
supports three types
of
SPI
operation:
 Read angle
 Read configuration register
 Write configuration register
Each operation has a specific frame structure
described below.
SPI Read Angle
Every 1µs, new data is transferred into the
output buffer. The master device triggers the
reading by pulling CS low.
When a trigger event is detected, the data
remains in the output buffer until the CS signal
is de-asserted (see Table 4).
Table 4: Sensor Data Timing
Event
Action
CS falling edge
Start reading and freeze
output buffer
CS rising edge
Release of the output buffer
See Figure 9 for a diagram of a full SPI angle
reading. See Figure 10 for a diagram of a
partial SPI angle reading. A full angle reading
requires 16 clock pulses. The sensor MISO line
returns:
MSB
LSB
MISO
Angle(15:0)
MOSI
0
The MagAlpha family has sensors with different
features and levels of resolution. Check the
data
output
length
in
the
General
Characteristics table on page 5 for the number
of useful bits delivered at the serial output. If the
data length is smaller than 16, the rest of bits
sent are zeros.
For example, a data output length of 12 bits
means that the serial output delivers a 12-bit
angle value with four bits of zeros padded at the
end (MISO state remains zero). If the master
sends 16 clock counts, the MagApha replies
with:
MSB
LSB
MISO
Angle(15:4)
0 0 0 0
MOSI
0
Angle reading can be therefore optimized
without any loss of information by reducing the
number of clock counts. In the case of a 12-bit
data output length, only 12 clock counts are
required to get the full sensor resolution.
MSB
LSB
MISO
Angle(15:4)
MOSI
0
If less resolution is needed, the angle can be
read by sending even fewer clock counts (since
MSB is first).
In case of fast reading, the MagAlpha keeps
sending the same data until the data is
refreshed (see the refresh rate in the General
Characteristics table).
Figure 9: Diagram of a Full 16-Bit SPI Angle
Reading
Figure 10: Diagram of a Partial 8-Bit SPI Angle
Reading
SPI Read Register
A read register operation is constituted of two
16-bit frames. The first frame sends a read
request which contains the 3-bit read command
(010) followed by the 5-bit register address. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com