Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAQ430 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # MAQ430
Description  12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MAQ430 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  MAQ430 Datasheet HTML 1Page - MPS Industries, Inc. MAQ430 Datasheet HTML 2Page - MPS Industries, Inc. MAQ430 Datasheet HTML 3Page - MPS Industries, Inc. MAQ430 Datasheet HTML 4Page - MPS Industries, Inc. MAQ430 Datasheet HTML 5Page - MPS Industries, Inc. MAQ430 Datasheet HTML 6Page - MPS Industries, Inc. MAQ430 Datasheet HTML 7Page - MPS Industries, Inc. MAQ430 Datasheet HTML 8Page - MPS Industries, Inc. MAQ430 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
MagAlpha MAQ430
12-Bit, Automotive Angle Sensor
with ABZ & UVW Incremental Outputs
MAQ430 Rev. 1.2
MonolithicPower.com
1
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
DESCRIPTION
The MAQ430 detects the absolute angular
position of a permanent magnet, typically a
diametrically magnetized cylinder on a rotating
shaft. Fast data acquisition and processing
provide accurate angle measurement at speeds
from 0 to 60,000 rpm.
The
MAQ430
supports
a
wide
range
of
magnetic
field
strengths
and
spatial
configurations. Both end-of-shaft and off-axis
(side-shaft
mounting)
configurations
are
supported.
The MAQ430 features magnetic field strength
detection with programmable thresholds to
allow sensing of the magnet position relative to
the sensor for creation of functions such as
sensing of axial movements or for diagnostics.
On-chip non-volatile memory provides storage
for
configuration
parameters,
including
the
reference zero angle position, ABZ encoder
settings, UVW pole pair emulation settings, and
magnetic field detection thresholds.
FEATURES
 12-Bit Resolution Absolute Angle Encoder
 Contactless Sensing for Long Life
 AEC-Q100 qualified
 Simple and robust design
 SPI Serial Interface with parity bit for Angle
Readout and Chip Configuration
 Programmable Magnetic Field Strength
Detection for Diagnostic Checks
 Incremental
10-Bit
ABZ
Quadrature
Encoder
Interface
with
Programmable
Pulses Per Turn from 1 to 256
 UVW Interface with 1 to 8 Pole Pair
Emulation
 3.3V, 12mA Supply
 -40°C to +150°C Operating Temperature
 Available
in
a
QFN-16
(3mmx3mm)
Package with Wettable flanks
APPLICATIONS
 Brushless DC Motor Servo Drives
 Motor Commutation
 Motor Speed and Position Control
 Automotive
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, visit the MPS website under Quality
Assurance.
“MPS”, the MPS logo, and “Simple, Easy Solutions” are
registered trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION


Similar Part No. - MAQ430

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ4123 MICREL-MAQ4123 Datasheet
489Kb / 18P
Automotive AEC-Q100 Qualified Dual 3A Peak Low-Side MOSFET Driver
MAQ4123YME MICREL-MAQ4123YME Datasheet
489Kb / 18P
Automotive AEC-Q100 Qualified Dual 3A Peak Low-Side MOSFET Driver
MAQ4124YME MICREL-MAQ4124YME Datasheet
489Kb / 18P
Automotive AEC-Q100 Qualified Dual 3A Peak Low-Side MOSFET Driver
MAQ4125YME MICREL-MAQ4125YME Datasheet
489Kb / 18P
Automotive AEC-Q100 Qualified Dual 3A Peak Low-Side MOSFET Driver
logo
Monolithic Power System...
MAQ473 MPS-MAQ473 Datasheet
1Mb / 31P
9-Bit to 14-Bit, MagAlpha Automotive Angle Sensor with ABZ Incremental and PWM Outputs
5/12/2021 Rev. 1.0
More results

Similar Description - MAQ430

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5163 AMSCO-AS5163 Datasheet
881Kb / 33P
12 BIT AUTOMOTIVE Angle Position Sensor
AS5163 AMSCO-AS5163_1 Datasheet
1Mb / 36P
12-Bit Automotive Angle Position Sensor
logo
List of Unclassifed Man...
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5163 AMSCO-AS5163_04 Datasheet
2Mb / 37P
12-Bit Automotive Angle Position Sensor
AS5261 AMSCO-AS5261 Datasheet
1Mb / 33P
12-Bit Automotive Angle Position Sensor
AS5263 AMSCO-AS5263 Datasheet
2Mb / 38P
12-Bit Redundant Automotive Angle Position Sensor
logo
ASM GmbH
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
Magnetic Angle Sensor with Incremental Output
logo
Monolithic Power System...
MA704 MPS-MA704 Datasheet
1Mb / 27P
10-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
logo
Allegro MicroSystems
AAS33001 ALLEGRO-AAS33001 Datasheet
1Mb / 63P
Precision Angle Sensor IC with Incremental and Motor Commutation Outputs and On-Chip Linearization
AAS33051 ALLEGRO-AAS33051 Datasheet
1Mb / 76P
Precision Angle Sensor IC with Incremental and Motor Commutation Outputs and On-Chip Linearization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com