Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAQ430 Datasheet(PDF) 20 Page - MPS Industries, Inc.

Part # MAQ430
Description  12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MAQ430 Datasheet(HTML) 20 Page - MPS Industries, Inc.

Back Button MAQ430 Datasheet HTML 16Page - MPS Industries, Inc. MAQ430 Datasheet HTML 17Page - MPS Industries, Inc. MAQ430 Datasheet HTML 18Page - MPS Industries, Inc. MAQ430 Datasheet HTML 19Page - MPS Industries, Inc. MAQ430 Datasheet HTML 20Page - MPS Industries, Inc. MAQ430 Datasheet HTML 21Page - MPS Industries, Inc. MAQ430 Datasheet HTML 22Page - MPS Industries, Inc. MAQ430 Datasheet HTML 23Page - MPS Industries, Inc. MAQ430 Datasheet HTML 24Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
MAQ430 – 12-BIT, AUTOMOTIVE ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MAQ430 Rev. 1.2
www.MonolithicPower.com
20
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
The X-axis or the Y-axis bias current can be
reduced to recover an equal Hall signal for all
angles and suppress the error. The parameter
ETX and ETY controls in which direction the
sensitivity is reduced. The current reduction is
set by the parameter bias current trimming
BCT(7:0), which is an integer from 0 to 255.
In side-shaft configuration (i.e.: the sensor
center is located beyond the magnet outer
diameter), k
is greater than 1. For optimum
compensation, the sensitivity of the radial axis
should
be
reduced
by
setting
the
BCT
parameter as shown in Equation (6):
 
k
BCT
1
1
258
)
0
:
7
(
(6)
Equation (6) is plotted in Figure 17 and Table 11.
0
50
100
150
200
1
1.5
2
2.5
3
3.5
4
4.5
5
k
Figure 17: Relation between the
k Ratio and the
Optimum BCT to Recover Linearity
Table 11: Example of BCT Settings
E (deg)
Magnet Ratio k
BCT(7:0)
0
1.0
0
11.5
1.5
86
19.5
2.0
129
25.4
2.5
155
30.0
3.0
172
33.7
3.5
184
36.9
4.0
194
39.5
4.5
201
41.8
5.0
207
Determining k with the MagAlpha
It is possible to deduce the k
ratio from the
error curve obtained with the default BCT
setting (BCT = 0). For this purpose, rotate the
magnet over one revolution and record the
MagAlpha output. Then plot the error curve (the
MagAlpha output minus the real mechanical
position vs. the real mechanical position) and
extract two parameters: the maximum error E
and the position of this maximum with respect
to a zero crossing am (see Figure 18). k can be
calculated with Equation (7):
)
tan(
)
tan(
m
m
a
a
E
k
(7)
-40
-20
0
20
40
0
50
100
150
200
250
300
350
m
rotor angle (deg)
2E
Figure 18: Error Curve in Side-Shaft
Configuration with BCT = 0
Some
examples
are
given
in
Table
11.
Alternatively, the k parameter can be obtained
from the graph of Figure 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com