Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAQ430 Datasheet(PDF) 12 Page - MPS Industries, Inc.

Part # MAQ430
Description  12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MAQ430 Datasheet(HTML) 12 Page - MPS Industries, Inc.

Back Button MAQ430 Datasheet HTML 8Page - MPS Industries, Inc. MAQ430 Datasheet HTML 9Page - MPS Industries, Inc. MAQ430 Datasheet HTML 10Page - MPS Industries, Inc. MAQ430 Datasheet HTML 11Page - MPS Industries, Inc. MAQ430 Datasheet HTML 12Page - MPS Industries, Inc. MAQ430 Datasheet HTML 13Page - MPS Industries, Inc. MAQ430 Datasheet HTML 14Page - MPS Industries, Inc. MAQ430 Datasheet HTML 15Page - MPS Industries, Inc. MAQ430 Datasheet HTML 16Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
MAQ430 – 12-BIT, AUTOMOTIVE ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MAQ430 Rev. 1.2
www.MonolithicPower.com
12
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
X
hi-Z
MSB
MSB
LSB
hi-Z
CS
SCLK
MOSI
MISO
LSB
t
idleAngle
t
idleReg
t
nvm
t
csL
t
sclk
t
MISO
t
MOSI
t
sclkL
t
sclkH
t
csH
t
MISO
t
MISO
MSB
MSB
X
Figure 7: SPI Timing Diagram
CS
MISO
MOSI
t
idleAngle
Angle
Angle
Angle
Reg Value
Read Reg Cmd
t
idleReg
t
nvm
Angle
Angle
Angle
Write Reg Cmd
0
0
0
0
0
Reg Value
0
t
idleReg
Angle
t
idleReg
0
t
idleAngle
t
idleAngle
t
idleAngle
Figure 8: Minimum Idle Time
Table 3: SPI Timing
Parameter (6)
Description
Min
Max
Unit
tidleAngle
Idle time between two subsequent angle transmissions
150
ns
tidleReg
Idle time before and after a register readout
750
ns
tnvm
Idle time between a write command and a register readout
(delay necessary for non-volatile memory update)
20
ms
tcsL
Time between CS falling edge and SCLK falling edge
80
ns
tsclk
SCLK period
40
ns
tsclkL
Low level of SCLK signal
20
ns
tsclkH
High level of SCLK signal
20
ns
tcsH
Time between SCLK rising edge and CS rising edge
25
ns
tMISO
SCLK setting edge to data output valid
15
ns
tMOSI
Data input valid to SCLK reading edge
15
ns
NOTE:
6) All values are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com