Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAQ430 Datasheet(PDF) 25 Page - MPS Industries, Inc.

Part # MAQ430
Description  12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MAQ430 Datasheet(HTML) 25 Page - MPS Industries, Inc.

Back Button MAQ430 Datasheet HTML 21Page - MPS Industries, Inc. MAQ430 Datasheet HTML 22Page - MPS Industries, Inc. MAQ430 Datasheet HTML 23Page - MPS Industries, Inc. MAQ430 Datasheet HTML 24Page - MPS Industries, Inc. MAQ430 Datasheet HTML 25Page - MPS Industries, Inc. MAQ430 Datasheet HTML 26Page - MPS Industries, Inc. MAQ430 Datasheet HTML 27Page - MPS Industries, Inc. MAQ430 Datasheet HTML 28Page - MPS Industries, Inc. MAQ430 Datasheet HTML 29Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
MAQ430 – 12-BIT, AUTOMOTIVE ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MAQ430 Rev. 1.2
www.MonolithicPower.com
25
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
Figure 26: UVW Output for One Pole Pair Rotor
during Rotation
If the number of pole pairs of the motor exceeds
the number of pole pairs of the target magnet,
the MAQ430 is able to generate more than one
UVW cycle per revolution. It does this by
dividing the digital angle into the required
number
of
commutation
steps
per
360°
revolution. The parameter NPP(2:0) in register
0x7 sets the number of pole pairs emulated,
and the corresponding commutation step angle
for the UVW signals. Table 18 describes the
pole pair configuration options.
Table 18: Number of UVW Pair Poles
NPP
(2:0)
Pole
Pairs
States per
Revolution
State Width
(deg)
000
1
6
60
001
2
12
30
010
3
18
20
011
4
24
15
100
5
30
12
101
6
36
10
110
7
42
8.6
111
8
48
7.5
An example of the 30° UVW commutation
signal spacing for a four-pole (two-pole pair)
motor is shown in Figure 27.
Figure 27: UVW Commutation Signals for a Four-
Pole (Two-Pole Pair) Motor
UVW Hysteresis
A hysteresis larger than the output noise is
introduced on the UVW output to avoid any
spurious transitions (see Figure 28).
Figure 28: Hysteresis of the UVW Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com