Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAQ430 Datasheet(PDF) 10 Page - MPS Industries, Inc.

Part # MAQ430
Description  12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MAQ430 Datasheet(HTML) 10 Page - MPS Industries, Inc.

Back Button MAQ430 Datasheet HTML 6Page - MPS Industries, Inc. MAQ430 Datasheet HTML 7Page - MPS Industries, Inc. MAQ430 Datasheet HTML 8Page - MPS Industries, Inc. MAQ430 Datasheet HTML 9Page - MPS Industries, Inc. MAQ430 Datasheet HTML 10Page - MPS Industries, Inc. MAQ430 Datasheet HTML 11Page - MPS Industries, Inc. MAQ430 Datasheet HTML 12Page - MPS Industries, Inc. MAQ430 Datasheet HTML 13Page - MPS Industries, Inc. MAQ430 Datasheet HTML 14Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MAQ430 – 12-BIT, AUTOMOTIVE ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MAQ430 Rev. 1.2
MonolithicPower.com
10
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
OPERATION
Sensor Front-End
The magnetic field is detected with integrated
Hall devices located in the center of the
package. The angle is measured using the
SpinaxisTM method, which directly digitizes the
direction of the field without complex arctangent
computation or feedback loop-based circuits
(interpolators).
The SpinaxisTM method is based on phase
detection and generates a sinusoidal signal with
a phase that represents the angle of the
magnetic field. The angle is then obtained by a
time-to-digital converter, which measures the
time
between
the
zero
crossing
of
the
sinusoidal signal and the edge of a constant
waveform (see Figure 2). The time-to-digital is
output
from
the
front-end
to
the
digital
conditioning block.
Top: Sine Waveform
Bottom: Clock of Time-to-Digital Converter
Figure 2: Phase Detection Method
The output of the front-end delivers a digital
number
proportional
to
the
angle
of
the
magnetic field at the rate of 1MHz in a
straightforward and open-loop manner.
Digital Filtering
The front-end signal is further treated to
achieve the final effective resolution. This
treatment does not add any latency in steady
conditions. The filter transfer function can be
calculated with Equation (1):
2
)
1
(
2
1
)
(
s
s
s
H
(1)
Where
τ is the filter time constant, related to the
cutoff frequency by
τ = 0.38/Fcutoff. See the
General Characteristics table on page 5 for the
value of Fcutoff.
Sensor – Magnet Mounting
The sensitive volume
of
the
MAQ430 is
confined in a region less than 100µm wide and
has multiple integrated Hall devices. This
volume
is
located
both
horizontally
and
vertically within 50µm of the center of the QFN
package. The sensor detects the angle of the
magnetic field projected in a plane parallel to
the pack
age’s upper surface. This means that
the only relevant magnetic field is the in-plane
component (X and Y components) in the middle
point of the package.
By default, when looking at the top of the
package,
the
angle
increases
when
the
magnetic field rotates clockwise. Figure 3
shows the zero angle of the unprogrammed
sensor, where the cross indicates the sensitive
point. Both the rotation direction and the zero
angle can be programmed.
Figure 3: Detection Point and Default Positive
Direction
This type of detection provides flexibility for the
design of an angular encoder. The sensor only
requires the magnetic vector to lie essentially
within the sensor plane with a field amplitude of
at least 30mT. Note that the MAQ430 can work
with fields smaller than 30mT, but the linearity
and resolution performance may deviate from
the specifications. The most straightforward
mounting method is to place the MAQ430
sensor on the rotation axis of a permanent
magnet
(i.e.:
a
diametrically
magnetized
cylinder) (see Figure 4). A typical magnet is a
Neodymium
alloy
(N35)
cylinder
with
dimensions Ø5x3mm inserted into an aluminum
shaft with an air gap between the magnet and
the sensor (surface of package) of 1.5mm. For
good linearity, the sensor is positioned with a
precision of 0.5mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com