Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2176 Datasheet (PDF) - Monolithic Power Systems

MP2176 Datasheet PDF - Monolithic Power Systems
Part # MP2176
Download  MP2176 Download
File Size   1368.05 Kbytes
Page   23 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 6V, 6A, High-Efficiency, Synchronous Step-Down Converter

MP2176 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2176 Datasheet PDF - Monolithic Power Systems

Part # MP2176
Download  MP2176 Click to download

File Size   1368.05 Kbytes
Page   23 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 6V, 6A, High-Efficiency, Synchronous Step-Down Converter

MP2176 Datasheet (HTML) - Monolithic Power Systems


MP2176 Product details

DESCRIPTION
The MP2176 is a monolithic, step-down, switchmode converter with internal power MOSFETs
that can achieve up to 6A of continuous output
current from a 1.5V to 6V input voltage with
excellent load and line regulation. The output
voltage can be regulated as low as 0.61V.
Constant-on-time (COT) control provides fast
transient response and eases loop stabilization.
Fault condition protections include cycle-bycycle current limiting and thermal shutdown.
The operating frequency is programmed by an
external resistor and is compensated for
variations in VIN.
Full protection features, including over-current
protection (OCP), short-circuit protection (SCP),
over-voltage protection (OVP), under-voltage
protection (UVP), and over-temperature
protection (OTP), are provided by internal
comparators.
The MP2176 requires a minimal number of
readily available, standard, external
components and is available in a QFN-14
(3mmx4mm) package.

FEATURES
 1.5V to 6V Wide Input Range
 3V to 6V VCC Operating Supply
 6A Output Current
 Programmable Switching Frequency from
300kHz to 1MHz
 Low RDS(ON) Internal Power MOSFETs
 Proprietary Switching Loss Reduction
Technique
 1% Reference Voltage Over -20°C to
+85°C Junction Temperature Range
 Pre-Bias Start-Up
 Minimum On Time (TON_MIN = 60ns)
Minimum Off Time (TOFF_MIN = 100ns)
 Non-Latch OCP, Non-Latch OVP, and
Thermal Shutdown
 Output Adjustable from 0.61V to 4.5V
 Programmable Soft-Start Time
 Available in a QFN-14 (3mmx4mm)
Package

APPLICATIONS
 Flat-Panel Television and Monitors
 Telecom System Base Stations
 Distributed Power Systems
 Personal Video Recorders
 Networking Systems
 Servers




Similar Part No. - MP2176

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2176GL MPS-MP2176GL Datasheet
1Mb / 23P
6V, 6A, High-Efficiency, Synchronous Step-Down Converter
Rev. 1.0
More results


Similar Description - MP2176

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
6A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
MPQ8612-12 MPS-MPQ8612-12 Datasheet
776Kb / 27P
High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612-16 MPS-MPQ8612-16 Datasheet
776Kb / 27P
High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8616-6 MPS-MPQ8616-6 Datasheet
982Kb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8616-12 MPS-MPQ8616-12 Datasheet
1Mb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-Down Converter
MPQ8616 MPS-MPQ8616 Datasheet
1Mb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MP8765 MPS-MP8765 Datasheet
1Mb / 21P
24V, 6A High Efficiency Synchronous Step-down Converter
EVQ8616-L-6-00A MPS-EVQ8616-L-6-00A Datasheet
708Kb / 10P
High Efficiency, 6A, 6V Synchronous Step-down Converter Evaluation Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com