Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2176 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2176
Description  6V, 6A, High-Efficiency, Synchronous Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2176 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2176 Datasheet HTML 1Page - Monolithic Power Systems MP2176 Datasheet HTML 2Page - Monolithic Power Systems MP2176 Datasheet HTML 3Page - Monolithic Power Systems MP2176 Datasheet HTML 4Page - Monolithic Power Systems MP2176 Datasheet HTML 5Page - Monolithic Power Systems MP2176 Datasheet HTML 6Page - Monolithic Power Systems MP2176 Datasheet HTML 7Page - Monolithic Power Systems MP2176 Datasheet HTML 8Page - Monolithic Power Systems MP2176 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP2176
6V, 6A, High-Efficiency,
Synchronous Step-Down Converter
MP2176 Rev. 1.0
www.MonolithicPower.com
1
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP2176 is a monolithic, step-down, switch-
mode converter with internal power MOSFETs
that can achieve up to 6A of continuous output
current from a 1.5V to 6V input voltage with
excellent load and line regulation. The output
voltage can be regulated as low as 0.61V.
Constant-on-time (COT) control provides fast
transient response and eases loop stabilization.
Fault condition protections include cycle-by-
cycle current limiting and thermal shutdown.
The operating frequency is programmed by an
external
resistor
and
is
compensated
for
variations in VIN.
Full protection features, including over-current
protection (OCP), short-circuit protection (SCP),
over-voltage protection (OVP), under-voltage
protection
(UVP),
and
over-temperature
protection (OTP), are provided by internal
comparators.
The MP2176 requires a minimal number of
readily
available,
standard,
external
components and is available in a QFN-14
(3mmx4mm) package.
FEATURES
 1.5V to 6V Wide Input Range
 3V to 6V VCC Operating Supply
 6A Output Current
 Programmable Switching Frequency from
300kHz to 1MHz
 Low R
DS(ON) Internal Power MOSFETs
 Proprietary Switching Loss Reduction
Technique
 1% Reference Voltage Over -20°C to
+85°C Junction Temperature Range
 Pre-Bias Start-Up
 Minimum On Time (T
ON_MIN = 60ns)
Minimum Off Time (TOFF_MIN = 100ns)
 Non-Latch OCP, Non-Latch OVP, and
Thermal Shutdown
 Output Adjustable from 0.61V to 4.5V
 Programmable Soft-Start Time
 Available in a QFN-14 (3mmx4mm)
Package
APPLICATIONS
Flat-Panel Television and Monitors
Telecom System Base Stations
Distributed Power Systems
Personal Video Recorders
Networking Systems
Servers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2176
C1
C3
RBST
C2
C4
R4
R1
R2
VOUT
L1
RFREQ
VIN
IN
FREQ
BST
SW
FB
VCC
PG
VCC
PG
R3
C5
EN
EN
SS
C6
PGND
AGND


Similar Part No. - MP2176

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2176GL MPS-MP2176GL Datasheet
1Mb / 23P
6V, 6A, High-Efficiency, Synchronous Step-Down Converter
Rev. 1.0
More results

Similar Description - MP2176

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
6A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
MPQ8612-12 MPS-MPQ8612-12 Datasheet
776Kb / 27P
High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612-16 MPS-MPQ8612-16 Datasheet
776Kb / 27P
High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8616-6 MPS-MPQ8616-6 Datasheet
982Kb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8616-12 MPS-MPQ8616-12 Datasheet
1Mb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-Down Converter
MPQ8616 MPS-MPQ8616 Datasheet
1Mb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MP8765 MPS-MP8765 Datasheet
1Mb / 21P
24V, 6A High Efficiency Synchronous Step-down Converter
EVQ8616-L-6-00A MPS-EVQ8616-L-6-00A Datasheet
708Kb / 10P
High Efficiency, 6A, 6V Synchronous Step-down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com