Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2176 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2176
Description  6V, 6A, High-Efficiency, Synchronous Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2176 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2176 Datasheet HTML 15Page - Monolithic Power Systems MP2176 Datasheet HTML 16Page - Monolithic Power Systems MP2176 Datasheet HTML 17Page - Monolithic Power Systems MP2176 Datasheet HTML 18Page - Monolithic Power Systems MP2176 Datasheet HTML 19Page - Monolithic Power Systems MP2176 Datasheet HTML 20Page - Monolithic Power Systems MP2176 Datasheet HTML 21Page - Monolithic Power Systems MP2176 Datasheet HTML 22Page - Monolithic Power Systems MP2176 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
MP2176 – 6V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2176 Rev. 1.0
www.MonolithicPower.com
21
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical for
stable
operation.
A
four-layer
layout
is
strongly
recommended
to
achieve
better
thermal
performance. For best results, refer to Figure
10 and Figure 11 and follow the guidelines
below.
1. Place
at
least
nine
vias
(10/20mil
hole/diameter size) just beneath the IC for
the best decoupling effect.
2. Place
10
or
more
vias
(10/25mil
hole/diameter size) each for the input and
GND copper next to IN and PGND to
improve the thermal performance.
3. Place a 22µF (1206/1210) input capacitor
(C1B) on the bottom layer just beneath the
VIN and PGND vias for the best input
decoupling effect.
4. If VIN/PGND vias are not allowed beneath
the IC: Place a 22µF input capacitor with a
1206/1210 package (C1C) is required on
the top layer, connecting to the VIN and
PGND copper directly (within 2mm of the IC
edge).
5. Place a solid PGND layer on the first inner
layer just below the IC layer.
6. Keep the high-current paths (GND, IN, and
SW) very close to the device with short,
direct, and wide traces.
7. Place the VCC decoupling capacitor (C5) as
close to VCC as possible.
8. Connect the VCC GND net to the PGND
copper.
9. Connect all AGND signals together to
AGND.
10. Kelvin-connect AGND to PGND near the C5
GND pad on the top layer.
11. Keep the AGND trace 20mil or wider.
12. Place the external feedback resistors next
to FB.
13. Ensure that there is no via on the FB trace.
14. Keep the vias away from the switching node
(SW).
15. Keep the BST voltage path (BST, C3, RBST,
and SW) as short as possible.
16. Keep the VOUT sense trace away from noise
signals (SW, VIN, etc).
17. Place the VOUT sense point at a stable, quiet
output point close to the VOUT capacitor.
MP2176
C1
C3
RBST
C2
C4
R4
R1
R2
VOUT
L1
RFREQ
VIN
IN
FREQ
BST
SW
FB
VCC
PG
VCC
PG
R3
C5
EN
EN
SS
C6
PGND
AGND
Figure 10: Schematic for PCB Layout Guidelines
R3
FREQ
IN
R3
C1B
R3
R1
R3
R2
R3
R4
R3
C4
L1
R3
C2
SW
SW
FREQ
IN
GND
GND
VIN
GND
SW
VOUT
C3
GND
R3
C5
BST
<2mm
C1C
<2mm
VIN
PGND
Figure 11: Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com