Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2176 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP2176
Description  6V, 6A, High-Efficiency, Synchronous Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2176 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP2176 Datasheet HTML 15Page - Monolithic Power Systems MP2176 Datasheet HTML 16Page - Monolithic Power Systems MP2176 Datasheet HTML 17Page - Monolithic Power Systems MP2176 Datasheet HTML 18Page - Monolithic Power Systems MP2176 Datasheet HTML 19Page - Monolithic Power Systems MP2176 Datasheet HTML 20Page - Monolithic Power Systems MP2176 Datasheet HTML 21Page - Monolithic Power Systems MP2176 Datasheet HTML 22Page - Monolithic Power Systems MP2176 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
MP2176 – 6V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2176 Rev. 1.0
www.MonolithicPower.com
20
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Table 1: Inductor Selection Guide
Part Number
Manufacturer
Inductance
(µH)
DCR
(mΩ)
Current
Rating (A)
Dimensions
L x W x H (mm3)
Switching
Frequency
(kHz)
FDU1250C-R50M
TOKO
0.50
1.3
46.3
13.3 x 12.1 x 5
1000
FDU1250C-R56M
TOKO
0.56
1.6
42.6
13.3 x 12.1 x 5
800 - 1000
FDU1250C-R75M
TOKO
0.75
1.7
32.7
13.3 x 12.1 x 5
600 - 800
FDU1250C-1R0M
TOKO
1.0
2.2
31.3
13.3 x 12.1 x 5
600
Table 2: COUT POSCAP, 600kHz, 5VIN
VOUT
(V)
L
(
μH)
R1
(k
Ω)
R2
(k
Ω)
R7
(k
Ω)
1.0
1.0
19.8
30
300
1.2
1.0
29.4
30
365
1.5
1.0
29.4
20
453
1.8
1.0
39.2
20
549
3.3
1.0
44.2
10
1000
Table 3: COUT POSCAP, 800kHz, 5VIN
VOUT
(V)
L
(
μH)
R1
(k
Ω)
R2
(k
Ω)
R7
(k
Ω)
1.0
0.75
20
30
210
1.2
0.75
20
20
270
1.5
0.75
30
20
330
1.8
0.75
39
20
499
3.3
0.75
44.2
10
750
Table 4: COUT Ceramic, 600kHz, 5VIN
VOUT
(V)
L
(
μH)
R1
(k
Ω)
R2
(k
Ω)
R4
(k
Ω)
C4
(pF)
R7
(k
Ω)
1.0
1.0
21
30
240
470
309
1.2
1.0
33
30
220
470
365
1.5
1.0
51
30
330
390
464
1.8
1.0
45
20
270
470
549
3.3
1.0
62
10
160
680
953
Table 5: COUT Ceramic, 800kHz, 5VIN
VOUT
(V)
L
(
μH)
R1
(k
Ω)
R2
(k
Ω)
R4
(k
Ω)
C4
(pF)
R7
(k
Ω)
1.0
0.75
21
30
200
470
226
1.2
0.75
34
30
200
470
270
1.5
0.75
34
20
220
470
324
1.8
0.75
47.5
20
225
470
402
3.3
0.75
57.6
10
200
560
750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com