Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2176 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2176
Description  6V, 6A, High-Efficiency, Synchronous Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2176 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2176 Datasheet HTML 8Page - Monolithic Power Systems MP2176 Datasheet HTML 9Page - Monolithic Power Systems MP2176 Datasheet HTML 10Page - Monolithic Power Systems MP2176 Datasheet HTML 11Page - Monolithic Power Systems MP2176 Datasheet HTML 12Page - Monolithic Power Systems MP2176 Datasheet HTML 13Page - Monolithic Power Systems MP2176 Datasheet HTML 14Page - Monolithic Power Systems MP2176 Datasheet HTML 15Page - Monolithic Power Systems MP2176 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MP2176 – 6V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2176 Rev. 1.0
www.MonolithicPower.com
12
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
BLOCK DIAGRAM
0.61V
0.3V
0.75V
FREQ
VCC
EN
SS
FB
PG
IN
BST
SW
GND
AGND
RSEN
HS-FET
HS
Driver
LS-FET
LS
Driver
Current
Modulator
LOGIC
Current Sense
Amplifer
Refresh
Timer
OC
Over-Current
Timer
xS
xR
Q
PWM
BSTREG
OFF
Timer
ILIM
HS Limit
Comparator
START
ON
Timer
Loop
Comparator
UV
OV
UV Detect
Comparator
OV Detect
Comparator
PGOOD
Comparator
SOFT
START/STOP
REFERENCE
1MEG
VCC
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com