Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2176 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2176
Description  6V, 6A, High-Efficiency, Synchronous Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2176 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2176 Datasheet HTML 10Page - Monolithic Power Systems MP2176 Datasheet HTML 11Page - Monolithic Power Systems MP2176 Datasheet HTML 12Page - Monolithic Power Systems MP2176 Datasheet HTML 13Page - Monolithic Power Systems MP2176 Datasheet HTML 14Page - Monolithic Power Systems MP2176 Datasheet HTML 15Page - Monolithic Power Systems MP2176 Datasheet HTML 16Page - Monolithic Power Systems MP2176 Datasheet HTML 17Page - Monolithic Power Systems MP2176 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MP2176 – 6V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2176 Rev. 1.0
www.MonolithicPower.com
14
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Figure 3: Jitter in PWM Mode
Ramp with Large ESR Capacitor
When POSCAPs or other types of capacitors
with large ESR are applied as output capacitors,
the ESR ripple dominates the output ripple, and
the slope on FB is related to the ESR. Figure 4
shows an equivalent circuit in PWM mode with
the HS-FET off and without an external ramp
circuit. Refer to the Application Information
section on page 17 for design steps using large
ESR capacitors.
R1
R2
ESR
POSCAP
SW
Vo
L
FB
Figure 4: Simplified Circuit in PWM Mode without
External Ramp Compensation
To achieve stability when no external ramp is
applied, calculate the ESR value with Equation
(3):
SW
ON
ESR
OUT
tt
0.7
2
R
C

(3)
Where TSW is the switching period.
Ramp with Small ESR Capacitor
When the output capacitors are ceramic, the
ESR ripple is not high enough to stabilize the
system, and external ramp compensation is
required. Refer to the Application Information
section on page 17 for design steps using small
ESR capacitors.
R1
R2
Ceramic
SW
FB
Vo
L
R4
C4
IR4
IC4
IFB
R9
Figure 5: Simplified Circuit in PWM Mode with
External Ramp Compensation
Figure 5 shows a simplified equivalent circuit
with the HS-FET off and using an external ramp
compensation circuit (R4, C4) in PWM mode.
The external ramp is derived from the inductor
ripple current. Calculate C4, R9, R1, and R2
with Equation (4):
12
9
SW
4
1
2
RR
11
R
2
f
C
20
R
R


 

(4)
The current of R4 can be calculated with
Equation (5):
R4
C4
FB
C4
I
I
I
I
(5)
The ramp on VFB can then be estimated with
Equation (6):
IN
O
12
RAMP
ON
4
4
1
2
9
VV
R // R
Vt
R
C
R // R
R

 


(6)
The downward slope of the VFB ripple can then
be calculated with Equation (7):
OUT
RAMP
SLOPE1
off
4
4
V
V
V
t
R
C

(7)
As shown in Equation (7), if there is instability in
PWM mode, either R4 or C4 can be reduced. If
C4 cannot be reduced further due to limitations
from Equation (4), then only R4 can be reduced.
For stable PWM operation, Vslope1 should be
designed following Equation (8):
SW
ON
3
ESR
OUT
O
SLOPE1
OUT
OUT
sw
on
tt
RC
0.7 I
10
0.7
2
VV
2 L C
t
t


 
(8)
Where IO is the load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com