Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2176 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2176
Description  6V, 6A, High-Efficiency, Synchronous Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2176 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2176 Datasheet HTML 7Page - Monolithic Power Systems MP2176 Datasheet HTML 8Page - Monolithic Power Systems MP2176 Datasheet HTML 9Page - Monolithic Power Systems MP2176 Datasheet HTML 10Page - Monolithic Power Systems MP2176 Datasheet HTML 11Page - Monolithic Power Systems MP2176 Datasheet HTML 12Page - Monolithic Power Systems MP2176 Datasheet HTML 13Page - Monolithic Power Systems MP2176 Datasheet HTML 14Page - Monolithic Power Systems MP2176 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
MP2176 – 6V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2176 Rev. 1.0
www.MonolithicPower.com
11
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN #
Name
Description
1
AGND
Analog ground.
2
FB
Feedback. The output voltage is set by an external resistor divider from the output to
GND tapped to FB. The resistor divider should be placed as close to FB as possible.
Avoid placing vias on the FB traces.
3
SS
Soft start. Connect an external capacitor to SS to program the soft-start time for the
switch-mode regulator.
4
EN
Enable. Pull EN higher than 1.8V to enable the chip. For automatic start-up, connect EN
to VIN with a 100k
Ω resistor. EN can be used to set the on/off threshold (adjust UVLO)
with two additional resistors.
5
VCC
External bias supply voltage for the driver and control circuits. For 1.5V to 3V input
applications, provide VCC with a separate 3.3V/5V bias supply. For 3V to 6V input
applications, provide VCC with a separate 3.3V/5V bias supply or tie VCC to VIN with a
10
Ω resistor. Decouple VCC with a minimum 4.7µF ceramic capacitor placed as close to
VCC as possible. X7R or X5R grade dielectric ceramic capacitors are recommended for
their stable temperature characteristics.
6
PG
Power good output. PG is high if the output voltage is higher than 90% of the nominal
voltage. There is a delay from the time FB becomes greater than or equal to 90% to
when PG goes high.
7
BST
Bootstrap. A capacitor connected between SW and BST is required to form a floating
supply across the high-side switch driver.
8 - 9
GND
System ground. GND is the reference ground of the regulated output voltage. For this
reason, care must be taken during the PCB layout.
10 - 11
IN
Supply voltage. IN supplies power for the internal MOSFET and regulator. The MP2176
operates from a +3V to +6V input rail. An input capacitor is needed to decouple the input
rail. Use wide PCB traces and multiple vias to make the connection.
12
FREQ
Frequency setting. A resistor connected between FREQ and IN is required to set the
switching frequency. The on time is determined by the input voltage and the resistor
connected to FREQ. IN connected through a resistor is used for line feed-forward and
makes the frequency constant during the input voltage
’s variation. It is recommend to
use a 10pF decoupling capacitor from FREQ to GND.
13 - 14
SW
Switch output. Connect SW to the inductor and bootstrap capacitor. SW is driven up to
VIN by the high-side switch during the on time of the PWM duty cycle. The inductor
current drives SW negative during the off time. The on resistance of the low-side switch
and the internal Schottky diode fixes the negative voltage. Use wide PCB traces to make
the connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com