Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2491CGQB Datasheet (PDF) - Monolithic Power Systems

MP2491CGQB Datasheet PDF - Monolithic Power Systems
Part # MP2491CGQB
Download  MP2491CGQB Download
File Size   1143.91 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 32V, 6A, Step-Down Converter with Programmable Current Limit and Output Voltage Scaling Control

MP2491CGQB Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2491CGQB Datasheet PDF - Monolithic Power Systems

Part # MP2491CGQB
Download  MP2491CGQB Click to download

File Size   1143.91 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 32V, 6A, Step-Down Converter with Programmable Current Limit and Output Voltage Scaling Control

MP2491CGQB Datasheet (HTML) - Monolithic Power Systems


MP2491CGQB Product details

DESCRIPTION
The MP2491C is a fully integrated, high-voltage,
step-down converter. The MP2491C can
achieve 6A of continuous output current with
excellent load and line regulation over a wide
input supply range.
Constant-on-time (COT) control operation
provides very fast transient response, easy loop
design, and very tight output regulation.
Full protection features include over-current
protection (OCP), hiccup current limiting, output
over-voltage protection (OVP), and thermal
shutdown.
The MP2491C requires a minimal number of
readily available, standard, external
components and is available in a QFN-13
(2.5mmx3mm) package.

FEATURES
 Wide 4.0V to 32V Operating Input Range
 0.5V to 30V Output Voltage Range
 6A Output Current
 Constant-on-Time (COT) Control
 Two Dedicate Voltage Scaling Control Pins
 Slew Rate Control during DVS
 Low Dropout Mode Operation
 33mΩ/22mΩ Internal MOSFET Switches
 450µA IQ
 Fixed 490kHz Switching Frequency
 Output Line Drop Compensation when VFB =
0.5V
 EN Shutdown Discharge
 Output Over-Voltage Protection (OVP)
 Adjustable Auto-PFM/PWM Mode or Forced
PWM Mode
 Adjustable Current Limit
 Power Good (PG) Indication
 Available in a QFN-13 (2.5mmx3mm)
Package

APPLICATIONS
 TVs, Monitors
 MFP Power Supplies
 USB Power Supplies with PD
 Automotive Cigarette Lighter Adapters




Similar Part No. - MP2491CGQB

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2491NGQB MPS-MP2491NGQB Datasheet
731Kb / 9P
32V, 6A, High-Efficiency, Synchronous Step-Down Converter Evaluation Board
9/8/2022 Rev. 1.0
More results


Similar Description - MP2491CGQB

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1142 ANALOGICTECH-AAT1142 Datasheet
979Kb / 22P
800mA Voltage-Scaling Step-Down Converter
logo
Monolithic Power System...
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
2A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2490 MPS-MP2490 Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP2493 MPS-MP2493 Datasheet
1Mb / 12P
2A, 36V, Low EMI Step-Down Converter with Programmable Output Current Limit
MPQ2490 MPS-MPQ2490 Datasheet
914Kb / 11P
Industrial Grade, 1.5A, 36V, 700kHz Step-Down Converter with Programmable Output Current Limit
MPQ8633B MPS-MPQ8633B Datasheet
1Mb / 21P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MPQ8634A MPS-MPQ8634A Datasheet
1Mb / 20P
16V, 12A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8634B MPS-MPQ8634B Datasheet
1Mb / 20P
16V, 20A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com