Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2667GG Datasheet (PDF) - Monolithic Power Systems

MP2667GG Datasheet PDF - Monolithic Power Systems
Part # MP2667GG
Download  MP2667GG Download
File Size   1465.77 Kbytes
Page   35 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5V USB, 1000mA, I 2C-Controlled Linear Charger with Power Path Management for Single-Cell, Li-Ion Battery in QFN Package

MP2667GG Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2667GG Datasheet PDF - Monolithic Power Systems

Part # MP2667GG
Download  MP2667GG Click to download

File Size   1465.77 Kbytes
Page   35 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5V USB, 1000mA, I 2C-Controlled Linear Charger with Power Path Management for Single-Cell, Li-Ion Battery in QFN Package

MP2667GG Datasheet (HTML) - Monolithic Power Systems


MP2667GG Product details

DESCRIPTION
The MP2667 is a highly integrated, single-cell,
Li-ion/Li-polymer battery charger with system
power path management for space-limited
portable applications. The MP2667 takes input
power from either an AC adapter or a USB port
to supply the system load and charge the
battery simultaneously. The charger function
features constant current pre-charge, constant
current fast charge (CC) and constant voltage
(CV) regulation, charge termination, and autorecharge.
The power path management function ensures
continuous power to the system by
automatically selecting the input, battery, or
both to power the system. This power stage
features a low-dropout regulator from the input
to the system and a 100mΩ switch from the
battery to the system. Power path management
separates the charging current from the system
load, which allows for proper charge termination
and keeps the battery in full-charge mode.
The MP2667 provides a system short-circuit
protection (SCP) function by limiting the current
from the input to the system and the battery to
the system. This feature is especially critical for
preventing the Li-ion battery from being
damaged due to excessively high currents. An
on-chip battery under-voltage lockout (UVLO)
cuts off the path between the battery and the
system if the battery voltage drops below the
programmable battery UVLO threshold. This
prevents the Li-ion battery from being overdischarged. An integrated I2C control interface
allows the MP2667 to program the charging
parameters, such as the input current limit,
input minimum voltage regulation, charging
current, battery regulation voltage, safety timer,
and battery UVLO.
The MP2667 is available in a 10-pin QFN
(2mmx2mm) package.

FEATURES
 Compatible with 5V USB Power Sources
 Fully Autonomous Charger for Single-Cell
Li-Ion/Li-Polymer Batteries
 Complete Power Path Management for
Simultaneously Powering the System and
Charging the Battery
 Programmable Input Current Limit and
Minimum Input Voltage Regulation
Thresholds
 ±0.5% Charging Voltage Accuracy
 13V Maximum Voltage for the Input Source
 I
2C Interface for Programming Charging
Parameters and Status Reporting
 Fully Integrated Power Switches and No
External Blocking Diode Required
 Built-In Robust Charging Protection
Including Battery Temperature Monitoring
and Programmable Timer
 Built-In Battery Disconnection Function for
Shipping Mode
 Thermal Limiting Regulation on the Chip
 Available in an Ultra-Compact QFN-10
(2mmx2mm) Package

APPLICATIONS
 Wearable Devices
 Smart Handheld Devices
 Fitness Accessories
 Smartwatches
 Bluetooth Headphones




Similar Part No. - MP2667GG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2660 MPS-MP2660 Datasheet
1Mb / 34P
5V USB, 500mA, I2C-Controlled Linear Charger with Power Path Management for Single-Cell Li-Ion Battery
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
More results


Similar Description - MP2667GG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
logo
Richtek Technology Corp...
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9519A RICHTEK-RT9519A Datasheet
369Kb / 17P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9519B RICHTEK-RT9519B Datasheet
386Kb / 18P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Monolithic Power System...
MP2660 MPS-MP2660 Datasheet
1Mb / 34P
5V USB, 500mA, I2C-Controlled Linear Charger with Power Path Management for Single-Cell Li-Ion Battery
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
logo
Will Semiconductor Ltd.
WS4508S WILLSEMI-WS4508S Datasheet
393Kb / 13P
1000mA, Single Li-ion Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com