Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9503A Datasheet (PDF) - Richtek Technology Corporation

RT9503A Datasheet PDF - Richtek Technology Corporation
Part # RT9503A
Download  RT9503A Download
File Size   347.52 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path

RT9503A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9503A Datasheet PDF - Richtek Technology Corporation

Part # RT9503A
Download  RT9503A Click to download

File Size   347.52 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path

RT9503A Datasheet (HTML) - Richtek Technology Corporation


RT9503A Product details

General Description

The RT9503A is a fully integrated low cost single-cell LiIon battery charger IC ideal for portable applications. The RT9503A is capable of being powered up via the AC adapter and USB (Universal Serial Bus) port inputs. The RT9503A can automatically detect and select the AC adapter and the USB port as the power source for the charger. The RT9503A enters sleep mode when both supplies are removed.



Features

Automatic Input Supplies Selection

18V Maximum Rating for AC Adapter

Integrated Selectable 100mA and 500mA USB Charge Current

Internal Integrated Power MOSFETs

AC Adapter Power Good Status Indicator

Charge Status Indicator

External Capacitor Programmable Safety Timer

Under Voltage Protection

Over Voltage Protection

Automatic Recharge Feature

Battery Temperature Monitoring

Small 16-Lead WQFN Package

Thermal Feedback Optimizing Charge Rate

Power Path Controller

RoHS Compliant and Halogen Free



Applications

Digital Cameras

Cellular Phones

PDAs , Smart Phones and MP3 Players

Portable Instruments




Similar Part No. - RT9503A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
More results


Similar Description - RT9503A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5803 GMT-G5803 Datasheet
76Kb / 1P
1A Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4056H HMSEMI-HM4056H Datasheet
1Mb / 7P
1.2A/16V Fully integrated linear charger for 1 cell li-ion battery
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com