Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9505 Datasheet (PDF) - Richtek Technology Corporation

RT9505 Datasheet PDF - Richtek Technology Corporation
Part # RT9505
Download  RT9505 Download
File Size   287.14 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Linear Single Cell Li-Ion Battery Charger IC

RT9505 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9505 Datasheet PDF - Richtek Technology Corporation

Part # RT9505
Download  RT9505 Click to download

File Size   287.14 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Linear Single Cell Li-Ion Battery Charger IC

RT9505 Datasheet (HTML) - Richtek Technology Corporation


RT9505 Product details

General Description
The RT9505 is a fully integrated low cost single-cell Li-Ion battery charger IC ideal for portable applications. The RT9505 is capable of being powered up from AC adapter. The RT9505 enters sleep mode when AC adapter is removed.

Features
• 18V Maximum Rating for AC Adapter
• Internal Integrate P-MOSFETs
• AC Adapter Power Good Status Indicator
• Charge Status Indicator
• Under Voltage Protection
• Over Voltage Protection
• Automatic Recharge Feature
• Battery Temperature Monitoring
• Small 10-Lead WDFN Package
• Thermal Feedback Optimizing Charge Rate
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• Digital Cameras
• Cellular Phones
• Personal Data Assistants (PDAs)
• MP3 Players
• Hand Held PCs




Similar Part No. - RT9505

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9501 RICHTEK-RT9501 Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
RT9501A RICHTEK-RT9501A Datasheet
205Kb / 9P
Advanced Lithium-lon Linear Battery Charger
RT9501A RICHTEK-RT9501A Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
RT9501ACF RICHTEK-RT9501ACF Datasheet
205Kb / 9P
Advanced Lithium-lon Linear Battery Charger
RT9501AGF RICHTEK-RT9501AGF Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
More results


Similar Description - RT9505

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
Torex Semiconductor
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com