Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9505 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9505
Description  Linear Single Cell Li-Ion Battery Charger IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9505 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9505 Datasheet HTML 1Page - Richtek Technology Corporation RT9505 Datasheet HTML 2Page - Richtek Technology Corporation RT9505 Datasheet HTML 3Page - Richtek Technology Corporation RT9505 Datasheet HTML 4Page - Richtek Technology Corporation RT9505 Datasheet HTML 5Page - Richtek Technology Corporation RT9505 Datasheet HTML 6Page - Richtek Technology Corporation RT9505 Datasheet HTML 7Page - Richtek Technology Corporation RT9505 Datasheet HTML 8Page - Richtek Technology Corporation RT9505 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT9505
2
DS9505-02 April 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
ACIN
Wall Adaptor Charge Input Supply.
2, 7
NC
No Internal Connection.
3
CHG_S
Charge Status Indicator Output (open drain).
4
PGOOD
Power Good Indicator Output (open drain).
5
GND
Ground.
6
ISETA
Wall Adaptor Supply Charge Current Set Point.
8
EN
Charge Enable Input (active low).
9
TS
Temperature Sense Input.
10
BATT
Battery Charge Current Output.
11 (Exposed Pad) GND
Exposed pad should be soldered to PCB board and connected to GND.
Typical Application Circuit
RT9505
1uF
AC
Adapter
ACIN
GND
BATT
TS
ISETA
RSET
Battery Pack
1
3
4
5, Exposed Pad (11)
6
8
9
10
CHG_S
PGOOD
EN
To System
To System
Chip Shutdown
Chip Enable
0.1uF to 10uF
Pre-Charge Phase
Fast Charge
Phase
Constant Voltage
Phase &
Standby Phase
Re-Charge Phase
Programmed
Charge Current
4.1V Recharge
Threshold
2.8V Precharge
Threshold
1/10 Programmed
Charge Current
Charge
Complete
Battery
Voltage
Charging
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com