Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2003GY Datasheet (PDF) - Monolithic Power Systems

MPX2003GY Datasheet PDF - Monolithic Power Systems
Part # MPX2003GY
Download  MPX2003GY Download
File Size   1057.08 Kbytes
Page   37 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver

MPX2003GY Datasheet (PDF)

Go To PDF Page Download Datasheet
MPX2003GY Datasheet PDF - Monolithic Power Systems

Part # MPX2003GY
Download  MPX2003GY Click to download

File Size   1057.08 Kbytes
Page   37 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver

MPX2003GY Datasheet (HTML) - Monolithic Power Systems


MPX2003GY Product details

DESCRIPTION
The MPX2003 is an all-in-one flyback controller
with an integrated primary driving circuit,
secondary controller, synchronous rectification
driver, and safety-compliant feedback. It offers
the benefits of both primary-side regulation (PSR)
and secondary-side regulation (SSR).
A feedback circuit is not required, which reduces
system complexity and the total BOM cost. The
synchronous rectifier (SR) can match the driving
signal of the primary-side MOSFET, meaning the
SR can operate safely in continuous conduction
mode (CCM). Meanwhile, the integrated SR
controller regulates the SR MOSFET at a low
threshold, which increases the overall efficiency
and design flexibility. An internal linear regulator
is integrated for the SR power supply, so the
MPX2003 can drive the low-side SR MOSFET
without auxiliary winding, even when the output
is low.
The MPX2003 can run in CCM under heavy
loads, then operate in quasi-resonant (QR)
mode when the load decreases. If the load drops
further, the MPX2003 works in pulse-frequency
modulation (PFM) mode. The switching
frequency (fSW) is fixed at 20kHz when the device
enters burst mode, which can prevent audible
noise. The MPX2003 achieves high efficiency
under most load conditions while improving
electromagnetic interference (EMI) performance.
The MPX2003 features advanced protections,
including VCC over-voltage protection (OVP),
primary over-current protection (POCP),
secondary-sense output overload protection
(OLP), internal brown-in/brownout (B/I, B/O),
short-circuit protection (SCP), current-sense
short protection (SSP), current-sense open
protection (SOP), SR gate open/short protection
(SGOP/SGSP), SRD abnormal protection
(SRDP), FB OVP and under-voltage protection
(UVP), internal thermal shutdown, under-voltage
lockout (UVLO), and an externally triggered
protection (Ext.P).
The MPX2003 is available in SOICW-16 and
TSOICW16-15 packages.

FEATURES
• Isolation Voltage >3750VAC
• 100% Production HIPOT Compliance
Testing
• UL1577 and IEC62368 Safety Approved,
DIN VDE V 0884-17 in Process
• Integrated Multi-Mode: Discontinuous
Conduction Mode (DCM), Quasi-Resonant
(QR) Mode, and Continuous Conduction
Mode (CCM)
• Flyback Controller, Secondary-Side
Synchronous Rectifier (SR) Sensing/Driving
Circuitry, and Safety-Compliant Feedback
Link
• Integrated 650V Primary-Side Current
Source and 150V Secondary-Side Current
Source
• Less than 30mW in Standby Mode
• Improved SR Control for Reliable Operation
and Higher Efficiency
• VCC Over-Voltage Protection (OVP), Primary
Over-Current Protection (POCP),
Secondary-Sense Output Overload
Protection (OLP), Internal BrownIn/Brownout (B/O, B/I), Short-Circuit
Protection (SCP), Current-Sense Short
Protection (SSP), Current-Sense Open
Protection (SOP), SR Gate Open/Short
Protection (SGOP/SGSP), SRD Abnormal
Protection (SRDP), FB OVP and UnderVoltage Protection (UVP), Internal Thermal
Shutdown, Under-Voltage Lockout (UVLO),
and an Externally Triggered Protection
(Ext.P)
• Available in TSOICW16-15 and SOICW-16
Packages
APPLICATIONS
• High-Performance USB PD Adapters
• Offline Battery Chargers
• High Efficiency, High-Current Power
Supplies




Similar Part No. - MPX2003GY

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPX2003GYT MPS-MPX2003GYT Datasheet
1Mb / 37P
Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
Rev. 1.0
More results


Similar Description - MPX2003GY

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1161LPBF IRF-IR1161LPBF_15 Datasheet
991Kb / 25P
Secondary side synchronous rectification controller
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 4
logo
Monolithic Power System...
MPX2001 MPS-MPX2001 Datasheet
1Mb / 31P
All-in-One Flyback Controller with Integrated Primary and Secondary Synchronous Rectification Driver with Capacitive Isolation
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR345 DIODES-APR345 Datasheet
429Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 5
APR346 DIODES-APR346 Datasheet
380Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 6
APR347 DIODES-APR347 Datasheet
439Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR340 DIODES-APR340 Datasheet
578Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 3 - 2 May 2021
APR349 DIODES-APR349 Datasheet
531Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 2 - 2 July 2021
logo
Power Integrations, Inc...
INN3072M POWERINT-INN3072M Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com