Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2003GY Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPX2003GY
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003GY Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPX2003GY Datasheet HTML 1Page - Monolithic Power Systems MPX2003GY Datasheet HTML 2Page - Monolithic Power Systems MPX2003GY Datasheet HTML 3Page - Monolithic Power Systems MPX2003GY Datasheet HTML 4Page - Monolithic Power Systems MPX2003GY Datasheet HTML 5Page - Monolithic Power Systems MPX2003GY Datasheet HTML 6Page - Monolithic Power Systems MPX2003GY Datasheet HTML 7Page - Monolithic Power Systems MPX2003GY Datasheet HTML 8Page - Monolithic Power Systems MPX2003GY Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
5
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
HV to PGND ...............................-0.3V to +650V
SRD to SGND ................................-1V to +150V
VCC to PGND ...............................-0.3V to +35V
PDRV to PGND.............................-0.3V to +16V
SDRV to SGND.............................-0.3V to +16V
VDD to SGND ...............................-0.3V to +35V
CS, PEP to PGND .......................-0.3V to +6.5V
COMP, FB, IS to SGND...............-0.3V to +6.5V
Continuous power dissipation (TA = 25°C) (2)
TSOICW16-15 ........................................... 2.7W
SOICW-16 ................................................. 2.8W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -60°C to +150°C
Recommended Operating Conditions (3)
Operating junction temp (TJ) .... -40°C to +125°C
VCC to PGND .................................. 9.5V to 24V
VDD to SGND .................................. 4.8V to 30V
Thermal Resistance (4)
θJA
θJC
TSOICW16-15 ....................... 45....... 18 ... °C/W
SOICW-16 ............................. 44....... 24 ... °C/W
Notes:
1)
Exceeding these ratings may damage the device.
2)
The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient
thermal
resistance,
θ
JA,
and
the
ambient
temperature, TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA) / θJA. Exceeding the maximum
allowable power dissipation can produce an excessive die
temperature, and the regulator may go into thermal
shutdown. Internal thermal shutdown circuitry protects the
device from permanent damage.
3)
The device is not guaranteed to function outside of its
operating conditions.
4)
Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com