Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4349 Datasheet (PDF) - Cirrus Logic

CS4349 Datasheet PDF - Cirrus Logic
Part # CS4349
Download  CS4349 Download
File Size   815.93 Kbytes
Page   40 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 192 kHz DAC w/ Volume Control and 1 Vrms @ 3.3 V

CS4349 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4349 Datasheet PDF - Cirrus Logic

Part # CS4349
Download  CS4349 Click to download

File Size   815.93 Kbytes
Page   40 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 192 kHz DAC w/ Volume Control and 1 Vrms @ 3.3 V

CS4349 Datasheet (HTML) - Cirrus Logic


CS4349 Product details

Description
The CS4349 is a complete stereo digital-to-analog system including digital interpolation, 5th-order multi-bit delta-sigma digital-to-analog conversion, digital de-emphasis, volume control, channel mixing, and analog filtering. The advantages of this architecture include ideal linearity, no distortion mechanisms due to resistor matching errors, no linearity drift over time and temperature, tolerance to clock jitter, and a minimal set of external components.
The CS4349 supports all standard digital audio interface formats, including TDM.
The CS4349 is available in a 24-pin TSSOP package in both Commercial (-40° to +85°C) and Automotive grades (-40° to +105°C). The CDB4349 Customer Demonstration board is also available for device evaluation and imple mentation suggestions. Please refer to “Ordering Information” on page 40 for complete ordering information.
These features are ideal for cost-sensitive, two-channel audio systems, including DVD players and recorders, set top boxes, digital TVs, mini-component systems, musical instruments and automotive audio systems.

Features
♦ Advanced Multi-bit Delta-Sigma Architecture
♦ 101 dB Dynamic Range
♦ -91 dB THD+N at 5.0 V
♦ -84 dB THD+N at 3.3 V
♦ 24-Bit Conversion
♦ Supports Audio Sample Rates Up to 192 kHz
♦ Low-Latency Digital Filtering
♦ Single-Ended Analog Output Architecture
♦ Automatic Sample-Rate Range Detection
♦ Popguard® Technology for Control of Clicks and Pops
   – Hardware Popguard Disable for Fast Startups
♦ Supports All Standard Serial Audio Formats Including Time-Division Multiplexed (TDM)
♦ +3.3 V or +5.0 V Analog Supply
♦ +1.5 V to +5.0 V Logic Supplies for Serial Port
♦ +3.3 V to +5.0 V Control Port Interface

Control Port Mode Features
♦ SPI™ and I²C® Modes
♦ ATAPI Mixing
♦ Mute Control for Individual Channels
♦ Digital Volume Control with Soft Ramp
   – 127.5 dB Attenuation
   – 1/2 dB Step Size
   – Zero Crossing Click-Free Transitions




Similar Part No. - CS4349

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4340 CIRRUS-CS4340 Datasheet
835Kb / 28P
24-Bit, 96 kHz Stereo DAC for Audio?
CS4340-BS CIRRUS-CS4340-BS Datasheet
835Kb / 28P
24-Bit, 96 kHz Stereo DAC for Audio?
CS4340-CZZ CIRRUS-CS4340-CZZ Datasheet
766Kb / 25P
24-Bit, 96 kHz Stereo DAC for Audio
CS4340-DSZ CIRRUS-CS4340-DSZ Datasheet
766Kb / 25P
24-Bit, 96 kHz Stereo DAC for Audio
CS4340-KS CIRRUS-CS4340-KS Datasheet
835Kb / 28P
24-Bit, 96 kHz Stereo DAC for Audio?
More results


Similar Description - CS4349

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4398 CIRRUS-CS4398 Datasheet
767Kb / 46P
120 dB, 192 kHz Multi-Bit DAC with Volume Control
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
24-Bit, 192 kHz Stereo DAC with Volume Control
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
24-Bit, 192 kHz Stereo DAC with Volume Control
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com