Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4351 Datasheet (PDF) - Cirrus Logic

CS4351 Datasheet PDF - Cirrus Logic
Part # CS4351
Download  CS4351 Download
File Size   1094.95 Kbytes
Page   41 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 192 kHz STEREO DAC WITH 2 Vrms LINE OUT

CS4351 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4351 Datasheet PDF - Cirrus Logic

Part # CS4351
Download  CS4351 Click to download

File Size   1094.95 Kbytes
Page   41 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 192 kHz STEREO DAC WITH 2 Vrms LINE OUT

CS4351 Datasheet (HTML) - Cirrus Logic


CS4351 Product details

Description
The CS4351 is a complete stereo digital-to-analog system including digital interpolation, fifth-order multi-bit delta-sigma digital-to-analog conversion, digital de-emphasis, volume control, channel mixing, analog filtering, and on-chip 2 Vrms line-level driver. The advantages of this architecture include ideal differential linearity, no distortion mechanisms due to resistor matching errors, no linearity drift over time and temperature, high tolerance to clock jitter, and a minimal set of external components.
The CS4351 is available in a 20-pin TSSOP package in both Commercial (-10°C - +70°C) and Automotive grades (-40°C to +85°C). The CDB4351 Customer Demonstration board is also available for device evaluation and implementation suggestions. Please see “Ordering Information” on page 37 for complete details.
These features are ideal for cost-sensitive, 2-channel audio systems including DVD players, A/V receivers, set-top boxes, digital TVs and VCRs, mini-component systems, and mixing consoles.

Features
♦ Multi-Bit Delta-Sigma Modulator
♦ 24-Bit Conversion
♦ Up to 192 kHz Sample Rates
♦ 112 dB Dynamic Range
♦ -100 dB THD+N
♦ +3.3 V, +9 to 12 V, and VL Power Supplies
♦ 2 Vrms Output into 5 kΩ AC Load
♦ Digital Volume Control with Soft Ramp
   – 119 dB Attenuation
   – 1/2 dB Step Size
   – Zero Crossing Click-Free Transitions
♦ ATAPI Mixing
♦ Low Clock Jitter Sensitivity
♦ Popguard® Technology for Control of Clicks and Pops




Similar Part No. - CS4351

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
807Kb / 37P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4351-CZZ CIRRUS-CS4351-CZZ Datasheet
807Kb / 37P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4351-CZZR CIRRUS-CS4351-CZZR Datasheet
807Kb / 37P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4351-DZZ CIRRUS-CS4351-DZZ Datasheet
807Kb / 37P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4351-DZZR CIRRUS-CS4351-DZZR Datasheet
807Kb / 37P
192 kHz Stereo DAC with 2 Vrms Line Out
More results


Similar Description - CS4351

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
192 kHz Stereo DAC with Integrated PLL
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
CS4353 CIRRUS-CS4353 Datasheet
590Kb / 28P
3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
3.3 V Stereo Audio DAC with 2 VRMS Line Output
logo
Analog Devices
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com