Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet (PDF) - Cirrus Logic

CS4350 Datasheet PDF - Cirrus Logic
Part # CS4350
Download  CS4350 Download
File Size   727.9 Kbytes
Page   39 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 192 kHz Stereo DAC with Integrated PLL

CS4350 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4350 Datasheet PDF - Cirrus Logic

Part # CS4350
Download  CS4350 Click to download

File Size   727.9 Kbytes
Page   39 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 192 kHz Stereo DAC with Integrated PLL

CS4350 Datasheet (HTML) - Cirrus Logic


CS4350 Product details

Description
The CS4350 is a complete stereo digital-to-analog system including PLL-based master clock derivation, digital interpolation, 5th-order multi-bit delta-sigma digital-to-analog conversion, digital de-emphasis, volume control, channel mixing, and analog filtering. The advantages of this architecture include ideal differential linearity, no distortion mechanisms due to resistor matching errors, no linearity drift over time and temperature, high tolerance to clock jitter, and a minimal set of external components.

Features
♦ Advanced Multi-bit Delta-Sigma Architecture
♦ 109 dB Dynamic Range
♦ -91 dB THD+N
♦ 24-Bit Conversion
♦ Supports Audio Sample Rates Up to 192 kHz
♦ Low-Latency Digital Filtering
♦ Single-Ended or Differential Analog Output Architecture
♦ Integrated PLL Locks to Incoming Left-Right Clock
    – Eliminates the Need for External Masterclock Routing
    – Reduces Interference and Jitter Sensitivity
    – No External Loop Filter Components Required
♦ Automatic Sample-Rate Range Detection
♦ Popguard® Technology for Control of Clicks and Pops
    – Hardware Popguard Disable for Fast Startups
♦ Supports All Standard Serial Audio Formats Including Time-Division Multiplexed (TDM)
♦ +1.5 V to 5.0 V Logic Supplies for Serial Port
♦ +3.3 V to 5.0 V Control Port Interface

Control Port Mode Features
♦ SPI™ and I²C® Modes
♦ ATAPI Mixing
♦ Mute Control for Individual Channels
♦ Digital Volume Control with Soft Ramp
    – 127.5 dB Attenuation
    – 1/2 dB Step Size
    – Zero Crossing Click-Free Transitions




Similar Part No. - CS4350

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4350 CIRRUS-CS4350 Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
CS4350-CZZ CIRRUS-CS4350-CZZ Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
CS4350-CZZR CIRRUS-CS4350-CZZR Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
CS4350-DZZ CIRRUS-CS4350-DZZ Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
CS4350-DZZR CIRRUS-CS4350-DZZR Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
More results


Similar Description - CS4350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1852 AD-AD1852 Datasheet
234Kb / 16P
Stereo, 24-Bit, 192 kHz Multibit DAC
AD1853 AD-AD1853 Datasheet
416Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
logo
Cirrus Logic
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
24-Bit, 192 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
24-Bit, 192 kHz Stereo DAC with Volume Control
logo
Analog Devices
AD1934 AD-AD1934 Datasheet
527Kb / 28P
8-Channel DAC with PLL, 192 kHz, 24 Bits
REV. 0
logo
Cirrus Logic
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
logo
Analog Devices
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com