Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 4 Page - Cirrus Logic

  CS4350 Datasheet HTML 1Page - Cirrus Logic CS4350 Datasheet HTML 2Page - Cirrus Logic CS4350 Datasheet HTML 3Page - Cirrus Logic CS4350 Datasheet HTML 4Page - Cirrus Logic CS4350 Datasheet HTML 5Page - Cirrus Logic CS4350 Datasheet HTML 6Page - Cirrus Logic CS4350 Datasheet HTML 7Page - Cirrus Logic CS4350 Datasheet HTML 8Page - Cirrus Logic CS4350 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
DS691A3
CS4350
8.2.3 Functional Mode (FM[1:0]) Bits 1-0...................................................................................... 29
8.3 Volume Mixing and Inversion Control - Register 03h .................................................................... 29
8.3.1 Channel A Volume = Channel B Volume (VOLB=A) Bit 7 ................................................... 29
8.3.2 Invert Signal Polarity (INVERT_A) Bit 6 ............................................................................... 29
8.3.3 Invert Signal Polarity (INVERT_B) Bit 5 ............................................................................... 29
8.3.4 ATAPI Channel Mixing and Muting (ATAPI[3:0]) Bits 3-0 .................................................... 30
8.4 Mute Control - Register 04h ......................................................................................................... 31
8.4.1 Auto-Mute (AMUTE) Bit 7 .................................................................................................... 31
8.4.2 AMUTEC = BMUTEC (MUTEC A=B) Bit 5 .......................................................................... 31
8.4.3 Channel A Mute (MUTE_A) Bit 4 & Channel B Mute (MUTE_B) Bit 3 ................................. 31
8.5 Channel A & B Volume Control - Register 05h & 06h ................................................................... 31
8.6 Ramp and Filter Control - Register 07h ......................................................................................... 32
8.6.1 Soft Ramp and Zero Cross Control (SZC[1:0]) Bits 7-6 ....................................................... 32
8.6.2 Soft Volume Ramp-Up after Error (RMP_UP) Bit 5 ............................................................. 33
8.6.3 Soft Ramp-Down before Filter Mode Change (RMP_DN) Bit 4 ........................................... 33
8.6.4 Interpolation Filter Select (FILT_SEL) Bit 2.......................................................................... 33
8.7 Misc. Control - Register 08h .......................................................................................................... 33
8.7.1 Power Down (PDN) Bit 7...................................................................................................... 33
8.7.2 Freeze Controls (FREEZE) Bit 5 .......................................................................................... 33
8.7.3 Popguard Enable (POPG_EN) Bit 4 .................................................................................... 34
8.7.4 RMCK control (RMCK_CTR[1:0]) Bits 3:2 ........................................................................... 34
8.7.5 RMCK Ratio Select (R_SELECT[1:0]) Bits 2:1 .................................................................... 34
9. FILTER PLOTS
............................................................................................................................. 35
10. PARAMETER DEFINITIONS............................................................................................................... 37
11. PACKAGE DIMENSIONS ................................................................................................................... 38
THERMAL CHARACTERISTICS ............................................................................................................... 38
12. ORDERING INFORMATION ............................................................................................................... 39
13. REVISION HISTORY .......................................................................................................................... 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com