Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 24Page - Cirrus Logic CS4350 Datasheet HTML 25Page - Cirrus Logic CS4350 Datasheet HTML 26Page - Cirrus Logic CS4350 Datasheet HTML 27Page - Cirrus Logic CS4350 Datasheet HTML 28Page - Cirrus Logic CS4350 Datasheet HTML 29Page - Cirrus Logic CS4350 Datasheet HTML 30Page - Cirrus Logic CS4350 Datasheet HTML 31Page - Cirrus Logic CS4350 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
28
DS691A3
CS4350
8. REGISTER DESCRIPTION
** All register access is R/W unless specified otherwise**
8.1
Chip ID - Register 01h
Function:
This register is Read-Only. Bits 7 through 3 are the part number ID which is 11110b and the remaining Bits
(2 through 0) are for the chip revision (Rev. A0 = 000)
8.2
Mode Control - Register 02h
8.2.1
Digital Interface Format (DIF[2:0]) Bits 6-4
Function:
These bits select the interface format for the serial audio input.
The required relationship between the Left/Right clock, serial clock and serial data is defined by the Digital
Interface Format and the options are detailed in Figures 8-10.
8.2.2
De-Emphasis Control (DEM[1:0]) Bits 3-2
Default = 0
00 - No De-emphasis
01 - 44.1 kHz De-emphasis
10 - 48 kHz De-emphasis
11 - 32 kHz De-emphasis
Function:
Selects the appropriate digital filter to maintain the standard
15
µs/50 µs digital de-emphasis filter response at 32, 44.1
or 48 kHz sample rates. (See Figure 18)
Note:
De-emphasis is only available in Single-Speed
Mode
76
543
21
0
PART4
PART3
PART2
PART1
PART0
REV2
REV1
REV0
11
110
-
-
-
76
543
21
0
Reserved
DIF2
DIF1
DIF0
DEM1
DEM0
FM1
FM0
00
000
00
0
DIF2
DIF1
DIF0
Description
Format
Figure
000
Left-Justified, up to 24-bit data
0
(Default)
8
001
I²S, up to 24-bit data
1
9
010
Right-Justified, 16-bit data
2
10
011
Right-Justified, 24-bit data
3
10
100
TDM slot 0
4
12
101
TDM slot 1
5
12
110
TDM slot 2
6
12
111
TDM slot 3
7
12
Table 4. Digital Interface Formats
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz
Figure 18. De-Emphasis Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com