Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 30Page - Cirrus Logic CS4350 Datasheet HTML 31Page - Cirrus Logic CS4350 Datasheet HTML 32Page - Cirrus Logic CS4350 Datasheet HTML 33Page - Cirrus Logic CS4350 Datasheet HTML 34Page - Cirrus Logic CS4350 Datasheet HTML 35Page - Cirrus Logic CS4350 Datasheet HTML 36Page - Cirrus Logic CS4350 Datasheet HTML 37Page - Cirrus Logic CS4350 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
34
DS691A3
CS4350
8.7.3
Popguard Enable (POPG_EN) Bit 4
Function:
When set to 1, (default) the Device will initiate a ramping function as outlined in Section 4.7 on page 21.
When set to 0, the outputs will step to VQ upon release of PDN.
8.7.4
RMCK control (RMCK_CTR[1:0]) Bits 3:2
Default = 00
Function: These bits set the function of the RMCK pin with respect to the LRCK.
8.7.5
RMCK Ratio Select (R_SELECT[1:0]) Bits 2:1
Default = 00
Function: To select the RMCK-to-LRCK ratio.
Note:
RMCK_CTR must be set to 10 to enable this function. Please note the maximum RMCK output
frequency as specified in the ”Switching Specifications - Serial Audio Interface” on page 12.
RMCK_CTR1
RMCK_CTR0
Mode
0
0
256x LRCK for 48 kHz and 96 kHz, 128x @ 192kHz
0
1
512x @ 48kHz, 256x @ 96 kHz, 128x @ 192kHz
1
0
Manual control (see RMCK_RATIO)
1
1
RMCK off
R_SELECT1
R_SELECT0
RMCK/LRCK Ratio
00
512
01
256
10
128
11
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com