Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 20Page - Cirrus Logic CS4350 Datasheet HTML 21Page - Cirrus Logic CS4350 Datasheet HTML 22Page - Cirrus Logic CS4350 Datasheet HTML 23Page - Cirrus Logic CS4350 Datasheet HTML 24Page - Cirrus Logic CS4350 Datasheet HTML 25Page - Cirrus Logic CS4350 Datasheet HTML 26Page - Cirrus Logic CS4350 Datasheet HTML 27Page - Cirrus Logic CS4350 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
24
DS691A3
CS4350
6. CONTROL PORT OPERATION
The control port is used to load all the internal register settings (see ”Register Description” on page 28). The oper-
ation of the control port may be completely asynchronous with the audio sample rate. However, to avoid potential
interference problems, the control port pins should remain static if no operation is required.
The control port can operate in I²C or SPI mode.
6.1
MAP Auto Increment
The device has a MAP (memory address pointer) auto-increment capability enabled by the INCR bit (also
the MSB) of the MAP. If INCR is set to 0, MAP will stay constant for consecutive writes or reads. If INCR is
set to 1, MAP will auto increment after each byte is read or written, allowing block reads or writes of con-
secutive registers.
6.2
I²C Mode
In the I²C Mode, data is clocked into and out of the bi-directional serial control data line, SDA, by the serial
control port clock, SCL (see Figure 16 for the clock to data relationship). There is no CS pin. AD1 and AD0
enable the user to alter the chip address (10010[AD1][AD0][R/W]) and should be tied to VLC or GND as
required before powering up the device. SPI Mode will be selected if the device ever detects a high to low
transition on the AD0/CS pin after power-up.
6.2.1
I²C Write
To write to the device, follow the procedure below while adhering to the control port Switching Specifica-
tions in ”Switching Characteristics - Control Port - I²C Format” on page 13.
1.
Initiate a START condition to the I²C bus followed by the address byte. The upper 5 bits must be
10010. The sixth and seventh bit must match the settings of the AD1 and AD0 pins respectively, and
the eighth must be 0 (the eighth bit of the address byte is the R/W bit).
2.
Wait for an acknowledge (ACK) from the part, then write to the memory address pointer, MAP. This
byte points to the register to be written.
3.
Wait for an acknowledge (ACK) from the part, then write the desired data to the register pointed to by
the MAP.
4.
If the INCR bit (see Section 6.1) is set to 1, repeat the previous step until all the desired registers are
written, then initiate a STOP condition to the bus.
5.
If the INCR bit is set to 0 and further I²C writes to other registers are desired, it is necessary to initiate
a repeated START condition and follow the procedure detailed from step 1. If no further writes to other
registers are desired, initiate a STOP condition to the bus.
6.2.2
I²C Read
To read from the device, follow the procedure below while adhering to the control port switching specifi-
cations in ”Switching Characteristics - Control Port - I²C Format” on page 13.
1.
Initiate a START condition to the I²C bus followed by the address byte. The upper 5 bits must be
10010. The sixth and seventh bits must match the setting of the AD1 and AD0 pins, respectively, and
the eighth must be 1. The eighth bit of the address byte is the R/W bit.
2.
After transmitting an acknowledge (ACK), the device will then transmit the contents of the register
pointed to by the MAP. The MAP register will contain the address of the last register written to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com