Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 5Page - Cirrus Logic CS4350 Datasheet HTML 6Page - Cirrus Logic CS4350 Datasheet HTML 7Page - Cirrus Logic CS4350 Datasheet HTML 8Page - Cirrus Logic CS4350 Datasheet HTML 9Page - Cirrus Logic CS4350 Datasheet HTML 10Page - Cirrus Logic CS4350 Datasheet HTML 11Page - Cirrus Logic CS4350 Datasheet HTML 12Page - Cirrus Logic CS4350 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
DS691A3
9
CS4350
DAC ANALOG CHARACTERISTICS
Test conditions (unless otherwise specified): input test signal is a 997 Hz sine wave at 0 dBFS; measurement
bandwidth 10 Hz to 20 kHz
Note:
1.
One-half LSB of triangular PDF dither is added to data
DAC ANALOG CHARACTERISTICS (CONTINUED)
Parameter
Symbol
Min
Typ
Max
Unit
VA=+5 V
Fs = 48, 96, and 192 kHz
Single-ended/Differential
Dynamic Range (Note 1)
24-bit
A-Weighted
unweighted
16-bit
A-Weighted
unweighted
99/102
96/99
-
-
105/108
102/105
98
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise (Note 1)
24-bit
0 dB
-20 dB
-60 dB
16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-
-95
-82/-79
-42/-39
-92
-75
-35
-89
-76
-36
-
-
-
dB
dB
dB
dB
dB
dB
VA=+3.3 V
Fs = 48, 96, and 192 kHz
Single-ended/Differential
Dynamic Range (Note 1)
24-bit
A-Weighted
unweighted
16-bit
A-Weighted
unweighted
97/100
94/97
-
-
103/106
100/103
98
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise (Note 1)
24-bit
0 dB
-20 dB
-60 dB
16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-
-95
-80/-77
-40/-36
-92
-75
-35
-89
-74
-34
-
-
-
dB
dB
dB
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
100
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
0.25
dB
Gain Drift
-
100
-
ppm/°C
Analog Output
Parameter
Symbol
Min
Typ
Max
Unit
Full Scale Output Voltage - Single Ended
2.66
2.8
2.94
Vpp
Full Scale Output Voltage - Differential
5.32
5.6
5.88
Vpp
Quiescent Voltage
VQ
-0.5•VA
-
VDC
Max DC Current draw from an AOUT pin
IOUTmax
-10
-
µA
Max Current draw from VQ
IQmax
-
100
-
µA
Max AC-Load Resistance
RL
-3
-
k
Ω
Max Load Capacitance
CL
-
100
-
pF
Output Impedance
ZOUT
-
100
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com