Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 7Page - Cirrus Logic CS4350 Datasheet HTML 8Page - Cirrus Logic CS4350 Datasheet HTML 9Page - Cirrus Logic CS4350 Datasheet HTML 10Page - Cirrus Logic CS4350 Datasheet HTML 11Page - Cirrus Logic CS4350 Datasheet HTML 12Page - Cirrus Logic CS4350 Datasheet HTML 13Page - Cirrus Logic CS4350 Datasheet HTML 14Page - Cirrus Logic CS4350 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
DS691A3
11
CS4350
COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE
The filter characteristics have been normalized to the sample rate (Fs) and can be referenced to the desired sam-
ple rate by multiplying the given characteristic by Fs. Amplitude vs. Frequency plots of this data are available in the
“Filter Plots” on page 35
Notes:
3.
Response is clock dependent.
4.
The Measurement Bandwidth is from stopband to 3 Fs.
5.
De-emphasis is available only in Single-Speed Mode; Only 44.1 kHz De-emphasis is available in Stand-Alone
Mode.
6.
Slow Roll-off interpolation filter is only available in Control Port Mode.
Parameter
Min
Typ
Max
Unit
Fast Roll-Off
Passband (Note 3)
-0.01 dB corner (Single Speed)
0
-
.454
Fs
-0.1 dB corner (Double Speed)
0
-
.42
Fs
-0.2 dB corner (Quad Speed)
0
-
.27
Fs
-3 dB corner (All Speed Modes)
0
-
.499
Fs
Frequency Response 10 Hz to 20 kHz
Single Speed
-0.01
-
+0.01
dB
Double Speed, Quad Speed
-0.02
-
+0.02
dB
StopBand
0.547
-
-
Fs
Stop-Band Attenuation (Note 4)
102
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
-
9.4/Fs
-
s
Intra-channel Phase Deviation
-
-
±0.56/Fs
s
Inter-channel Phase Deviation
-
-
0
s
De-emphasis Error (Note 5)
Fs = 32 kHz
-
-
±0.23
dB
(Relative to 1 kHz)
Fs = 44.1 kHz
-
-
±0.14
dB
Fs = 48 kHz
--
±0.09
dB
Slow Roll-Off (Note 6)
Passband (Note 3)
-0.01 dB corner (Single Speed)
0
-
0.417
Fs
-0.1 dB corner (Double Speed)
0
-
.37
Fs
-0.2 dB corner (Quad Speed)
0
-
.27
Fs
-3 dB corner (All Speed Modes)
0
-
.499
Fs
Frequency Response 10 Hz to 20 kHz
Single Speed
-0.01
-
+0.01
dB
Double Speed, Quad Speed
-0.02
-
+0.02
dB
StopBand
.583
-
-
Fs
Stop-Band Attenuation (Note 4)
64
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
-
6.5/Fs
-
s
Intra-channel Phase Deviation
-
-
±0.14/Fs
s
Inter-channel Phase Deviation
-
-
0
s
De-emphasis Error (Note 5)
Fs = 32 kHz
-
-
±0.23
dB
(Relative to 1 kHz)
Fs = 44.1 kHz
-
-
±0.14
dB
Fs = 48 kHz
--
±0.09
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com