Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 21Page - Cirrus Logic CS4350 Datasheet HTML 22Page - Cirrus Logic CS4350 Datasheet HTML 23Page - Cirrus Logic CS4350 Datasheet HTML 24Page - Cirrus Logic CS4350 Datasheet HTML 25Page - Cirrus Logic CS4350 Datasheet HTML 26Page - Cirrus Logic CS4350 Datasheet HTML 27Page - Cirrus Logic CS4350 Datasheet HTML 28Page - Cirrus Logic CS4350 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
DS691A3
25
CS4350
MAP or the default address (see Section 6.4.2) if an I²C read is the first operation performed on the
device.
3.
Once the device has transmitted the contents of the register pointed to by the MAP, issue an ACK.
4.
If the INCR bit is set to 1, the device will continue to transmit the contents of successive registers.
Continue providing a clock and issue an ACK after each byte until all the desired registers are read;
then initiate a STOP condition to the bus.
5.
If the INCR bit is set to 0 and further I²C reads from other registers are desired, it is necessary to
initiate a repeated START condition and follow the procedure detailed from steps 1 and 2 from the I²C
Write instructions, followed by step 1 of the I²C Read section. If no further reads from other registers
are desired, initiate a STOP condition to the bus.
6.3
SPI Mode
In SPI Mode, data is clocked into the serial control data line, CDIN, by the serial control port clock, CCLK
(see Figure 17 for the clock to data relationship). There are no AD0 or AD1 pins. Pin CS is the chip select
signal and is used to control SPI writes to the control port. When the device detects a high-to-low transition
on the AD0/CS pin after power-up, SPI Mode will be selected. All signals are inputs and data is clocked in
on the rising edge of CCLK.
6.3.1
SPI Write
To write to the device, follow the procedure below while adhering to the control port switching specifica-
tions in ”Switching Characteristics - Control Port - SPI Format” on page 14.
1.
Bring CS low.
2.
The address byte on the CDIN pin must then be 10011110 (R/W =0).
3.
Write to the memory address pointer, MAP. This byte points to the register to be written.
4.
Write the desired data to the register pointed to by the MAP.
5.
If the INCR bit (see Section 6.1) is set to 1, repeat the previous step until all the desired registers are
written, then bring CS high.
6.
If the INCR bit is set to 0 and further SPI writes to other registers are desired, it is necessary to bring
CS high, and follow the procedure detailed from step 1. If no further writes to other registers are
desired, bring CS high
4
5
6
7
24 25
SCL
CHIP ADDRESS
MAP BYTE
DATA
DATA +1
START
ACK
STOP
ACK
ACK
ACK
1 0 0 1 0 AD1 AD0 R/W
SDA
6
5
4
3
2
1
0
7
6
1
0
7
6
1
0
7
6
1
0
0
1
2
3
8
9
12
16 17 18
19
10 11
13 14 15
27 28
26
DATA +n
INC
Figure 16. Control Port Timing, I²C Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com