Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 8Page - Cirrus Logic CS4350 Datasheet HTML 9Page - Cirrus Logic CS4350 Datasheet HTML 10Page - Cirrus Logic CS4350 Datasheet HTML 11Page - Cirrus Logic CS4350 Datasheet HTML 12Page - Cirrus Logic CS4350 Datasheet HTML 13Page - Cirrus Logic CS4350 Datasheet HTML 14Page - Cirrus Logic CS4350 Datasheet HTML 15Page - Cirrus Logic CS4350 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
12
DS691A3
CS4350
SWITCHING SPECIFICATIONS - SERIAL AUDIO INTERFACE
(Inputs: Logic 0 = GND, Logic 1 = VLS, CL =20pF)
Notes:
7.
RMCK output frequency depends on the input LRCK frequency. See Section 4.1 and Section 4.2 for more details.
Parameters
Symbol
Min
Max
Units
RMCK Output Frequency (Note 7)
7.680
51.2
MHz
RMCK Output Duty Cycle
45
55
%
Input Sample Rate
Single-Speed Mode
Fs
30
54
kHz
Double-Speed Mode
Fs
60
108
kHz
Quad-Speed Mode
Fs
120
216
kHz
LRCK Duty Cycle (Non-TDM Mode)
40
60
%
SCLK Frequency
-51.2
MHz
SCLK High Time
tsckh
8-
ns
SCLK Low Time
tsckl
8-
ns
SDIN Setup Time Before SCLK Rising Edge
tds
3-
ns
SDIN Hold Time After SCLK Rising Edge
tdh
5-
ns
Non-TDM Mode (refer to Figure 3)
LRCK Edge to SCLK Rising Edge
tlcks
6-
ns
SCLK Rising Edge to LRCK Edge
tlckd
5-
ns
TDM Mode (refer to Figure 4)
LRCK High Time
tlrckh
163
ns
SCLK Rising to LRCK Falling Edge
tfsh
5-
ns
LRCK Rising Edge to SCLK Rising Edge
tfss
5-
ns
tds
LRCK
(Input)
tdh
tsclkh
tsclkl
tfsh
tfss
SCLK
(Input)
SDIN
(Input)
MSB
MSB-1
tlrckh
tds
MSB
tdh
MSB-1
LRCK
(input)
SCLK
(input)
SDIN
(input)
tsckh
tsckl
tlcks
tlckd
Figure 3. Serial Port Timing, Non-TDM Mode
Figure 4. Serial Port Timing, TDM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com