Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4352 Datasheet (PDF) - Cirrus Logic

CS4352 Datasheet PDF - Cirrus Logic
Part # CS4352
Download  CS4352 Download
File Size   557.51 Kbytes
Page   19 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 192 kHz Stereo DAC with 2 Vrms Line Out

CS4352 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4352 Datasheet PDF - Cirrus Logic

Part # CS4352
Download  CS4352 Click to download

File Size   557.51 Kbytes
Page   19 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 192 kHz Stereo DAC with 2 Vrms Line Out

CS4352 Datasheet (HTML) - Cirrus Logic


CS4352 Product details

Description

The CS4352 is a complete stereo digital-to-analog system including digital interpolation, fifth-order multi-bit delta-sigma digital-to-analog conversion, digital de-emphasis, analog filtering, and on-chip 2 Vrms line-level driver. The advantages of this architecture include ideal differential linearity, no distortion mechanisms due to resistor matching errors, no linearity drift over time and temperature, high tolerance to clock jitter, and a minimal set of external components.



Features

♦ Multi-bit Delta-Sigma Modulator

♦ 24-Bit Resolution

♦ Supports Sample Rates up to 192 kHz

♦ 106 dB A-wt Dynamic Range

♦ -93 dB THD+N

♦ Integrated Line Driver

♦ 2 Vrms Output into 5 kΩ AC Load

♦ Analog Low-Pass Filter

♦ Stereo Mutes with Auto-Mute Function

♦ Low Clock-Jitter Sensitivity

♦ Low-Latency Digital Filtering

♦ Popguard® Technology for Control of Clicks and Pops

♦ Single-Ended Outputs

♦ +3.3 V Core, +9 to 12 V Analog, and +1.5 to 3.3 V Interface Power Supplies

♦ Low Power Consumption

♦ 20-pin TSSOP, Lead-Free Assembly



 




Similar Part No. - CS4352

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4352 CIRRUS-CS4352 Datasheet
476Kb / 20P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4352-CZZ CIRRUS-CS4352-CZZ Datasheet
476Kb / 20P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4352-CZZR CIRRUS-CS4352-CZZR Datasheet
476Kb / 20P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4352-DZZ CIRRUS-CS4352-DZZ Datasheet
476Kb / 20P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4352-DZZR CIRRUS-CS4352-DZZR Datasheet
476Kb / 20P
192 kHz Stereo DAC with 2 Vrms Line Out
More results


Similar Description - CS4352

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
192 kHz Stereo DAC with Integrated PLL
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
CS4353 CIRRUS-CS4353 Datasheet
590Kb / 28P
3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
3.3 V Stereo Audio DAC with 2 VRMS Line Output
logo
Analog Devices
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com