Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4353 Datasheet (PDF) - Cirrus Logic

CS4353 Datasheet PDF - Cirrus Logic
Part # CS4353
Download  CS4353 Download
File Size   590.53 Kbytes
Page   28 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 3.3 V Stereo Audio DAC with 2 VRMS Line Output

CS4353 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4353 Datasheet PDF - Cirrus Logic

Part # CS4353
Download  CS4353 Click to download

File Size   590.53 Kbytes
Page   28 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 3.3 V Stereo Audio DAC with 2 VRMS Line Output

CS4353 Datasheet (HTML) - Cirrus Logic


CS4353 Product details

Description
The CS4353 is a complete stereo digital-to-analog system including digital interpolation, fifth-order multi-bit delta-sigma digital-to-analog conversion, digital de-emphasis, analog filtering, and on-chip 2 VRMS line-level driver from a 3.3 V supply.

Features
♦ Multi-bit Delta-Sigma Modulator
♦ 106 dB A-wt Dynamic Range
♦ -93 dB THD+N
♦ Single-ended Ground Centered Analog Architecture
    – No DC-blocking Capacitors Required
    – Integrated Step-up/Inverting Charge Pump
    – Filtered Line-level Outputs
    – Selectable 1 or 2 VRMS Full-scale Output
♦ Low Clock-jitter Sensitivity
♦ Low-latency Digital Filtering
♦ Supports Sample Rates up to 192 kHz
♦ 24-bit Resolution
♦ +3.3 V Charge Pump and Core Logic, +3.3 V Analog, and +0.9 to 3.3 V Interface Power Supplies
♦ Low Power Consumption
♦ 24-pin QFN, Lead-free Assembly




Similar Part No. - CS4353

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4353 CIRRUS-CS4353 Datasheet
295Kb / 26P
3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353-CNZ CIRRUS-CS4353-CNZ Datasheet
295Kb / 26P
3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353-CNZR CIRRUS-CS4353-CNZR Datasheet
295Kb / 26P
3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
3.3 V Stereo Audio DAC with 2 VRMS Line Output
More results


Similar Description - CS4353

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
192 kHz Stereo DAC with 2 Vrms Line Out
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4354 CIRRUS-CS4354 Datasheet
559Kb / 25P
5 V Stereo DAC with 2 VRMS Ground-centered Output
logo
Texas Instruments
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
PCM5242 TI1-PCM5242 Datasheet
2Mb / 128P
Audio Stereo Differential-Output DAC
logo
Suzhou Everest Semicond...
ES7154 EVEREST-ES7154 Datasheet
609Kb / 8P
24-bit I2S Audio DAC with 2 Vrms Output
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
2-VRMS Audio Line Driver With Adjustable Gain
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com