Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1934 Datasheet (PDF) - Analog Devices

AD1934 Datasheet PDF - Analog Devices
Part # AD1934
Download  AD1934 Download
File Size   527.6 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel DAC with PLL, 192 kHz, 24 Bits

AD1934 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1934 Datasheet PDF - Analog Devices

Part # AD1934
Download  AD1934 Click to download

File Size   527.6 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel DAC with PLL, 192 kHz, 24 Bits

AD1934 Datasheet (HTML) - Analog Devices


AD1934 Product details

GENERAL DESCRIPTION
The AD1934 is a high performance, single chip that provides eight digital-to-analog converters (DACs) with single-ended output using the Analog Devices, Inc., patented multibit sigma-delta (Σ-Δ) architecture. An SPI port is included, allowing a microcontroller to adjust volume and many other parameters. The AD1934 operates from 3.3 V digital and analog supplies. The AD1934 is available in a 48-lead (single-ended output) LQFP. Other members of this family include a differential DAC output version.

FEATURES
    PLL generated or direct master clock
    Low EMI design
    108 dB DAC dynamic range and SNR
    −94 dB THD + N
    Single 3.3 V supply
    Tolerance for 5 V logic inputs
    Supports 24 bits and 8 kHz to 192 kHz sample rates
    Single-ended DAC output
    Log volume control with autoramp function
    SPI® controllable for flexibility
    Software-controllable clickless mute
    Software power-down
    Right-justified, left-justified, I2S, and TDM modes
    Master and slave modes up to 16-channel in/out
    48-lead LQFP
    Qualified for automotive applications

APPLICATIONS
    Automotive audio systems
    Home theater systems
    Set-top boxes
    Digital audio effects processors




Similar Part No. - AD1934

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1934 AD-AD1934 Datasheet
575Kb / 28P
8-Channel DAC
REV. D
AD1934WBSTZ AD-AD1934WBSTZ Datasheet
575Kb / 28P
8-Channel DAC
REV. D
AD1934WBSTZ-RL AD-AD1934WBSTZ-RL Datasheet
575Kb / 28P
8-Channel DAC
REV. D
AD1934YSTZ AD-AD1934YSTZ Datasheet
575Kb / 28P
8-Channel DAC
REV. D
AD1934YSTZ-RL AD-AD1934YSTZ-RL Datasheet
575Kb / 28P
8-Channel DAC
REV. D
More results


Similar Description - AD1934

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1939 AD-AD1939 Datasheet
607Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
7/06-Revision 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
6/06-Revision 0
AD1935 AD-AD1935 Datasheet
381Kb / 30P
4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
AD1938 AD-AD1938 Datasheet
559Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
5/06-Revision 0
AD1928 AD-AD1928 Datasheet
595Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
4/07-Revision 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1933YSTZ AD-AD1933YSTZ Datasheet
380Kb / 28P
8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com