Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1997471 Datasheet (PDF) - PHOENIX CONTACT

1997471 Datasheet PDF - PHOENIX CONTACT
Part # 1997471
Download  1997471 Download
File Size   451.2 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/ 6-GFL-3,5 THT-R56 - PCB header

1997471 Datasheet (PDF)

Go To PDF Page Download Datasheet
1997471 Datasheet PDF - PHOENIX CONTACT

Part # 1997471
Download  1997471 Click to download

File Size   451.2 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/ 6-GFL-3,5 THT-R56 - PCB header

1997471 Datasheet (HTML) - PHOENIX CONTACT


1997471 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 6, number
of rows: 1, number of positions: 6, number of connections: 6, product range: MCV 1,5/..-GFLTHT,
pitch: 3.5 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning, solder
pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin
connector pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded
flange, type of packaging: 56 mm wide tape, For user information and design recommendations
for through-hole reflow technology, go to: Downloads

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1997471

ManufacturerPart #DatasheetDescription
logo
Heyco.
1997 HEYCO-1997 Datasheet
94Kb / 1P
Heyco® Foam Washers
logo
List of Unclassifed Man...
1997-2 ETC2-1997-2 Datasheet
430Kb / 1P
MICRO PINS
logo
PHOENIX CONTACT
1997882 PHOENIX-1997882 Datasheet
52Kb / 3P
Printed-circuit board connector - MVSTBR 2.5/3-STFEH-5.08BKBDS
1997905 PHOENIX-1997905 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/10-STF-5,08 BD:1-10
More results


Similar Description - 1997471

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1937444 PHOENIX-1937444 Datasheet
74Kb / 4P
Base strip - MCV 1,5/ 6-GF-3,5 THT
1937402 PHOENIX-1937402 Datasheet
146Kb / 4P
MCV 1,5/ 2-GF-3,5 THT
1968594 PHOENIX-1968594 Datasheet
113Kb / 5P
Base strip - MC 1,5/ 6-G-3,5 THT-R56
1996812 PHOENIX-1996812 Datasheet
134Kb / 5P
Base strip - MCV 1,5/ 4-GF-3,5 THT-R56
1843651 PHOENIX-1843651 Datasheet
793Kb / 17P
PCB header - MCV 1,5/ 7-G-3,5
Jul 20, 2022
1843680 PHOENIX-1843680 Datasheet
793Kb / 17P
PCB header - MCV 1,5/10-G-3,5
Jul 20, 2022
1843279 PHOENIX-1843279 Datasheet
473Kb / 12P
PCB header - MCV 1,5/ 7-GF-3,5
1843295 PHOENIX-1843295 Datasheet
473Kb / 12P
PCB header - MCV 1,5/ 9-GF-3,5
1843402 PHOENIX-1843402 Datasheet
413Kb / 11P
PCB header - MCV 1,5/20-GF-3,5
1843693 PHOENIX-1843693 Datasheet
470Kb / 12P
PCB header - MCV 1,5/11-G-3,5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com