Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV7810 Datasheet (PDF) - Analog Devices

ADMV7810 Datasheet PDF - Analog Devices
Part # ADMV7810
Download  ADMV7810 Download
File Size   431.13 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 81 GHz to 86 GHz, 1 W E-Band Power Amplifier with Power Detector

ADMV7810 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMV7810 Datasheet PDF - Analog Devices

Part # ADMV7810
Download  ADMV7810 Click to download

File Size   431.13 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 81 GHz to 86 GHz, 1 W E-Band Power Amplifier with Power Detector

ADMV7810 Datasheet (HTML) - Analog Devices


ADMV7810 Product details

FEATURES
Gain: 20 dB typical
Output power for 1 dB compression: 28 dBm typical
Saturated output power: 29 dBm typical
Output third-order intercept: 33 dBm typical Input return loss: 12 dB typical
Output return loss: 20 dB typical
DC supply: 4 V at 800 mA No external matching required Die size: 2.999 mm × 3.799 mm × 0.05 mm APPLICATIONS
E-band communication systems
High capacity wireless backhaul radio systems
Test and measurement




Similar Part No. - ADMV7810

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV7810 AD-ADMV7810 Datasheet
291Kb / 17P
Amplifier with Power Detector
Mar-2018
ADMV7810-SX AD-ADMV7810-SX Datasheet
291Kb / 17P
Amplifier with Power Detector
Mar-2018
ADMV7810CHIPS AD-ADMV7810CHIPS Datasheet
291Kb / 17P
Amplifier with Power Detector
Mar-2018
More results


Similar Description - ADMV7810

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-AUH317 HITTITE-HMC-AUH317 Datasheet
203Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-APH634 HITTITE-HMC-APH634 Datasheet
187Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
logo
Integrated Device Techn...
EXE8602 IDT-EXE8602 Datasheet
189Kb / 2P
71 ??86 GHz Power Detector
EXP8603 IDT-EXP8603 Datasheet
538Kb / 2P
81 GHz ??86 GHz Medium Power Amplifier
logo
Analog Devices
ADMV7320 AD-ADMV7320 Datasheet
422Kb / 29P
E-Band Upconverter SiP, 81 GHz to 86 GHz
12/2020-Rev. B to Rev. C
ADMV7420 AD-ADMV7420 Datasheet
800Kb / 25P
E-Band Low Noise Downconverter SiP, 81 GHz to 86 GHz
Oct-2019
HMC8119 AD-HMC8119 Datasheet
510Kb / 27P
81 GHz to 86 GHz, E-Band I/Q Upconverter
Feb-2016
HMC8327LG AD-HMC8327LG Datasheet
174Kb / 2P
E-BAND LOW NOISE DOWNCONVERTER SIP 81 - 86 GHz
HMC7585LG AD-HMC7585LG Datasheet
182Kb / 2P
E-BAND UPCONVERTER SIP 81 - 86 GHz
HMC7587 AD-HMC7587 Datasheet
951Kb / 55P
81 GHz to 86 GHz E-Band I/Q Downconverter
Mar-2016
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com