Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXE8602 Datasheet (PDF) - Integrated Device Technology

EXE8602 Datasheet PDF - Integrated Device Technology
Part # EXE8602
Download  EXE8602 Download
File Size   189.83 Kbytes
Page   2 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 71 ??86 GHz Power Detector

EXE8602 Datasheet (PDF)

Go To PDF Page Download Datasheet
EXE8602 Datasheet PDF - Integrated Device Technology

Part # EXE8602
Download  EXE8602 Click to download

File Size   189.83 Kbytes
Page   2 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 71 ??86 GHz Power Detector

EXE8602 Datasheet (HTML) - Integrated Device Technology




Similar Part No. - EXE8602

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
EXE LSTD-EXE Datasheet
734Kb / 1P
Injection molded 쩌 wave helical antenna
logo
SICK AG
EXE-06D6203B020 SICK-EXE-06D6203B020 Datasheet
1Mb / 7P
SAFETY LIGHT CURTAINS
2016-07-04
EXE-09D6403B020 SICK-EXE-09D6403B020 Datasheet
1Mb / 7P
SAFETY LIGHT CURTAINS
2016-07-04
EXE-12D6603B020 SICK-EXE-12D6603B020 Datasheet
1Mb / 7P
SAFETY LIGHT CURTAINS
2016-07-04
EXE-12D6803B020 SICK-EXE-12D6803B020 Datasheet
1Mb / 7P
SAFETY LIGHT CURTAINS
2016-07-04
More results


Similar Description - EXE8602

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6420 AVAGO-AMMC-6420 Datasheet
555Kb / 8P
86 - 18 GHz Power Amplifier
logo
Hittite Microwave Corpo...
HMC-ALH509 HITTITE-HMC-ALH509 Datasheet
192Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-ALH508 HITTITE-HMC-ALH508 Datasheet
220Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-AUH320 HITTITE-HMC-AUH320 Datasheet
207Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 86 GHz
HMC-ALH459 HITTITE-HMC-ALH459 Datasheet
221Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-ALH508 HITTITE-HMC-ALH508_10 Datasheet
487Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-ALH509 HITTITE-HMC-ALH509_09 Datasheet
192Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-ALH459 HITTITE-HMC-ALH459_10 Datasheet
168Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
logo
Integrated Device Techn...
EXP7602 IDT-EXP7602 Datasheet
674Kb / 2P
71 GHz ??76 GHz Medium Power Amplifier
EXP8603 IDT-EXP8603 Datasheet
538Kb / 2P
81 GHz ??86 GHz Medium Power Amplifier
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com