Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0185BA02302S Datasheet (PDF) - Integrated Circuit Systems

SF0185BA02302S Datasheet PDF - Integrated Circuit Systems
Part # SF0185BA02302S
Download  SF0185BA02302S Download
File Size   121.38 Kbytes
Page   3 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 185.76 MHz SAW Bandpass Filter 4.48 MHz bandwidth

SF0185BA02302S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0185BA02302S Datasheet PDF - Integrated Circuit Systems

Part # SF0185BA02302S
Download  SF0185BA02302S Click to download

File Size   121.38 Kbytes
Page   3 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 185.76 MHz SAW Bandpass Filter 4.48 MHz bandwidth

SF0185BA02302S Datasheet (HTML) - Integrated Circuit Systems




Similar Part No. - SF0185BA02302S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
More results


Similar Description - SF0185BA02302S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0426BA02365S ICST-SF0426BA02365S Datasheet
106Kb / 1P
426 MHz SAW Bandpass Filter 4.9 MHz bandwidth
Rev X8
SF0070CF51851T ICST-SF0070CF51851T Datasheet
133Kb / 2P
70 MHz SAW Bandpass Filter 26 MHz bandwidth
Rev X1
SF0160CD02254T ICST-SF0160CD02254T Datasheet
93Kb / 2P
160 MHz SAW Bandpass Filter 4 MHz bandwidth
SF0250BA02425S ICST-SF0250BA02425S Datasheet
82Kb / 3P
250 MHz SAW Bandpass Filter 80 MHz bandwidth
Rev X5
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0426CN02357S SPECTRUM-SF0426CN02357S Datasheet
101Kb / 2P
426 MHz SAW Bandpass Filter 5.16 MHz bandwidth
logo
API Technologies Corp
SF0426BA02365S APITECH-SF0426BA02365S Datasheet
109Kb / 2P
426 MHz SAW Bandpass Filter 4.9 MHz bandwidth
SF0426CN02357S APITECH-SF0426CN02357S Datasheet
101Kb / 2P
426 MHz SAW Bandpass Filter 5.16 MHz bandwidth
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com