Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0400BA02375S Datasheet (PDF) - Integrated Circuit Systems

SF0400BA02375S Datasheet PDF - Integrated Circuit Systems
Part # SF0400BA02375S
Download  SF0400BA02375S Download
File Size   95.77 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 400 MHz SAW Bandpass Filter

SF0400BA02375S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0400BA02375S Datasheet PDF - Integrated Circuit Systems

Part # SF0400BA02375S
Download  SF0400BA02375S Click to download

File Size   95.77 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 400 MHz SAW Bandpass Filter

SF0400BA02375S Datasheet (HTML) - Integrated Circuit Systems




Similar Part No. - SF0400BA02375S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0400BA02375S SPECTRUM-SF0400BA02375S Datasheet
148Kb / 3P
400 MHz SAW Filter 55 MHz Bandwidth
logo
API Technologies Corp
SF0400BA02375S APITECH-SF0400BA02375S Datasheet
148Kb / 3P
400 MHz SAW Filter 55 MHz Bandwidth
More results


Similar Description - SF0400BA02375S

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855874 TRIQUINT-855874 Datasheet
525Kb / 5P
400 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0971A TAI-SAW-TA0971A Datasheet
385Kb / 5P
SAW Filter 400 MHz
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1595A TAI-SAW-TA1595A Datasheet
158Kb / 7P
SAW Filter 400 MHz
logo
KR Electronics, Inc.
3208-SMA KR-3208-SMA Datasheet
121Kb / 3P
400 MHz Bandpass Filter
3260-400 KR-3260-400 Datasheet
70Kb / 3P
400 MHz Bandpass Filter
3260-400-SMA KR-3260-400-SMA Datasheet
120Kb / 3P
400 MHz Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1978A TAI-SAW-TA1978A Datasheet
335Kb / 7P
SAW Filter 400 MHz
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com