Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0400BA02375S Datasheet (PDF) - API Technologies Corp

SF0400BA02375S Datasheet PDF - API Technologies Corp
Part # SF0400BA02375S
Download  SF0400BA02375S Download
File Size   148.06 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 400 MHz SAW Filter 55 MHz Bandwidth

SF0400BA02375S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0400BA02375S Datasheet PDF - API Technologies Corp

Part # SF0400BA02375S
Download  SF0400BA02375S Click to download

File Size   148.06 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 400 MHz SAW Filter 55 MHz Bandwidth

SF0400BA02375S Datasheet (HTML) - API Technologies Corp




Similar Part No. - SF0400BA02375S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0400BA02375S ICST-SF0400BA02375S Datasheet
95Kb / 2P
400 MHz SAW Bandpass Filter
Rev X3
logo
Spectrum Microwave, Inc...
SF0400BA02375S SPECTRUM-SF0400BA02375S Datasheet
148Kb / 3P
400 MHz SAW Filter 55 MHz Bandwidth
More results


Similar Description - SF0400BA02375S

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855874 TRIQUINT-855874 Datasheet
525Kb / 5P
400 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0971A TAI-SAW-TA0971A Datasheet
385Kb / 5P
SAW Filter 400 MHz
logo
Spectrum Microwave, Inc...
SF0400BA02375S SPECTRUM-SF0400BA02375S Datasheet
148Kb / 3P
400 MHz SAW Filter 55 MHz Bandwidth
SF0400BA02520S SPECTRUM-SF0400BA02520S Datasheet
204Kb / 4P
400 MHz SAW Filter 300 KHz bandwidth
logo
API Technologies Corp
SF0400BA02520S APITECH-SF0400BA02520S Datasheet
204Kb / 4P
400 MHz SAW Filter 300 KHz bandwidth
logo
Spectrum Microwave, Inc...
SF1575BA02506S SPECTRUM-SF1575BA02506S Datasheet
149Kb / 3P
1575.42 MHz SAW Filter 55 MHz Bandwidth
logo
API Technologies Corp
SF1575BA02506S APITECH-SF1575BA02506S Datasheet
149Kb / 3P
1575.42 MHz SAW Filter 55 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1595A TAI-SAW-TA1595A Datasheet
158Kb / 7P
SAW Filter 400 MHz
TA1595B TAI-SAW-TA1595B Datasheet
452Kb / 7P
SAW Filter 400 MHz
TA1978A TAI-SAW-TA1978A Datasheet
335Kb / 7P
SAW Filter 400 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com