Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0400BA02375S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0400BA02375S
Description  400 MHz SAW Filter 55 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0400BA02375S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0400BA02375S Datasheet HTML 1Page - API Technologies Corp SF0400BA02375S Datasheet HTML 2Page - API Technologies Corp SF0400BA02375S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
400 MHz SAW Filter
55 MHz Bandwidth
Part Number: SF0400BA02375S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0400BA02375S Rev A 24-Mar-2010
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc)
1
-
400
-
MHz
Minimum Insertion Loss
-
22.0
25
dB
Lower 1 dB Band Edge
2
-
371.32
372.50
MHz
Upper 1 dB Band Edge
2
427.50
428.48
-
MHz
Lower 20 dB Band Edge
2
367.50
368.15
-
MHz
Upper 20 dB Band Edge
2
-
431.62
432.50
MHz
Lower 40 dB Band Edge
2
360.00
367.00
-
MHz
Upper 40 dB Band Edge
2
-
432.80
440.00
MHz
Phase Linearity ( Fc +/- 27 MHz)
-
4
9
deg p-p
Group Delay Ripple (Fc +/- 27 MHz)
3
-
15
40
ns p-p
Absolute Delay
-
800
-
ns
Amplitude Ripple (Fc +/- 27 MHz)
-
0.6
1
dB p-p
Rejection (100 MHz to 340 MHz)
45
55
-
dB
Rejection (460 MHz to 600 MHz)
45
48
-
dB
Source and Load Impedance
-
50
-
Ω
Ambient Temperature
-
25
-
° C
Temperature coefficient of frequency
-
-72
-
ppm/
°C
Notes:
1. Average of the lower and upper 3 dB band edge frequencies.
2. Parameter is measured relative to the minimum insertion loss.
3. Measured using smoothing aperture of 1% of the swept bandwidth.
4. Since no matching components are used, return loss will be low.
MAXIMUM RATINGS
Parameter
Min
Typ
Max
Units
Storage Temperature Range
-40
25
85
˚C
Operating Temperature Range
15
25
35
˚C
Input Power Level
-
0
10
dBm
MATCHING CIRCUIT
Note: External matching components are not required.
3
8
2
7
Input
50
Ω
Single-ended
Output
50
Ω
Single-ended



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com