Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XA-SCC Datasheet (PDF) - NXP Semiconductors

XA-SCC Datasheet PDF - NXP Semiconductors
Part # XA-SCC
Download  XA-SCC Download
File Size   229.06 Kbytes
Page   42 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CMOS 16-bit communications microcontroller

XA-SCC Datasheet (PDF)

Go To PDF Page Download Datasheet
XA-SCC Datasheet PDF - NXP Semiconductors

Part # XA-SCC
Download  XA-SCC Click to download

File Size   229.06 Kbytes
Page   42 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CMOS 16-bit communications microcontroller

XA-SCC Datasheet (HTML) - NXP Semiconductors


XA-SCC Product details

GENERAL DESCRIPTION
The XA-SCC device is a member of Philips’ XA (eXtended Architecture) family of high performance 16-bit single-chip microcontrollers.

SPECIFIC FEATURES OF THE XA-SCC
• 3.3V to 5.5V operation to 30MHz over the industrial temperature range, available in 100 pin LQFP package.
• 4 onboard SCC’s for 2B+D plus Asynch port, or any combination of 4 sync/async ports. Industry standard IDL and SCP interfaces for glueless connection to U-Chip or S/T chip. Sync data rates to 4Mbps. Asynch data rates to 921.6Kbps with/without autobaud.
• Complete onboard DRAM controller supports 5 banks of up to 8MBytes each. Interfaces without glue chips to most industry standard DRAMs.
• Memory controller also generates 6 chip selects to support SRAM, ROM, Flash, EPROM, peripheral chips, etc. without external glue.
• Supports off-chip addressing up to 32 MB (2 x 2**24 address spaces) in Harvard architecture, or 16MB in unified memory configuration.
• A clock output reference “ClkOut” is added to simplify external bus interfacing.
• High performance 8-channel DMA Controller offloads the CPU for moving data to/from SCC’s and memory.
• Two standard counter/timers with enhanced features (same as XA-G3 T0, T1). Both timers have a toggle output capability.
• Watchdog timer.
• Seven standard software interrupts, plus four High Priority Software Interrupts, plus 7 levels of Hardware Event Interrupts.
• Active low reset output pin indicates all internal reset occurrences (watchdog reset and the RESET instruction). A reset source register allows program determination of the cause of the most recent reset.
• 32 General Purpose I/O pins, each with 4 programmable output configurations.
• Power saving operating modes: Idle and Power-Down. Wake-Up from power-down via an external interrupt is supported.




Similar Part No. - XA-SCC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-S3 PHILIPS-XA-S3 Datasheet
295Kb / 52P
XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
2000 Dec 01
XA-S3 PHILIPS-XA-S3 Datasheet
281Kb / 52P
XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
2000 Dec 01
logo
IDEC Corporation
XA-SERIES IDEC-XA-SERIES Datasheet
3Mb / 64P
Emergency Stop Switches
JULY 2017
logo
List of Unclassifed Man...
XA-SK-SDRAM ETC2-XA-SK-SDRAM Datasheet
228Kb / 2P
MODULAR DEVELOPMENT SYSTEM
More results


Similar Description - XA-SCC

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66591 OKI-MSM66591 Datasheet
2Mb / 466P
CMOS 16-bit microcontroller
logo
Toshiba Semiconductor
TMP93CS36 TOSHIBA-TMP93CS36 Datasheet
6Mb / 156P
CMOS 16-BIT MICROCONTROLLER
17-Feb-2004
TMP93CS44 TOSHIBA-TMP93CS44 Datasheet
1Mb / 224P
CMOS 16-Bit Microcontroller
10-Feb-2004
TMP93CW44 TOSHIBA-TMP93CW44 Datasheet
250Kb / 22P
CMOS 16-Bit Microcontroller
10-Feb-2004
TMP93CW46A TOSHIBA-TMP93CW46A Datasheet
1Mb / 242P
CMOS 16-Bit Microcontroller
10-Feb-2004
TMP93PS40 TOSHIBA-TMP93PS40 Datasheet
363Kb / 32P
CMOS 16-Bit Microcontroller
10-Feb-2004
TMP93PW46A TOSHIBA-TMP93PW46A Datasheet
325Kb / 28P
CMOS 16-Bit Microcontroller
10-Feb-2004
TMP95C001 TOSHIBA-TMP95C001 Datasheet
3Mb / 66P
CMOS 16-BIT MICROCONTROLLER
TMP95C061B TOSHIBA-TMP95C061B Datasheet
9Mb / 208P
CMOS 16-Bit Microcontroller
TMP95PW64 TOSHIBA-TMP95PW64 Datasheet
1Mb / 28P
CMOS 16-BIT Microcontroller
31-Mar-2003
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com