Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLV1L-FKB Datasheet (PDF) - Cree LED

CLV1L-FKB Datasheet PDF - Cree LED
Part # CLV1L-FKB
Download  CLV1L-FKB Download
File Size   694.63 Kbytes
Page   10 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description CLV1L-FKB: PLCC4 3 in 1 SMD LED

CLV1L-FKB Datasheet (PDF)

Go To PDF Page Download Datasheet
CLV1L-FKB Datasheet PDF - Cree LED

Part # CLV1L-FKB
Download  CLV1L-FKB Click to download

File Size   694.63 Kbytes
Page   10 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description CLV1L-FKB: PLCC4 3 in 1 SMD LED

CLV1L-FKB Datasheet (HTML) - Cree LED


CLV1L-FKB Product details

PRODUCT DESCRIPTION
Cree LED PLCC full-color LEDs offer highintensity
light output and a wide
viewing angle in an industry-standard
package. Designed to work in a wide
array of environmental conditions,
Cree LED PLCC full-color LEDs are suited
for indoor video screen, decorative
lighting and amusement applications.

FEATURES
• Size (mm): 3.2 x 2.8
• Dominant Wavelength
Red (619 - 624nm)
Green (520 - 535nm)
Blue (460- 475nm)
• Luminous Intensity (mcd)
Red (450 - 1010)
Green (900 - 1800)
Blue (180 - 403)
• Moisture Sensitivity Level: 5a
• Lead-Free
• RoHS Compliant

APPLICATIONS
• Full-Color Video Screen
• Decorative Lighting
• Amusement




Similar Part No. - CLV1L-FKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLV1L-FKB CREE-CLV1L-FKB Datasheet
930Kb / 9P
Cree PLCC4 3 in 1 SMD LED
CLV1L-FKB-CJ1N1E1BB7B3B3 CREE-CLV1L-FKB-CJ1N1E1BB7B3B3 Datasheet
930Kb / 9P
Cree PLCC4 3 in 1 SMD LED
More results


Similar Description - CLV1L-FKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLV1A-FKB CREE-CLV1A-FKB Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
logo
Marktech Corporate
CLV1A MARKTECH-CLV1A Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA Datasheet
1,000Kb / 10P
PLCC4 3 in 1 SMD LED
CLV1A MARKTECH-CLV1A_15 Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA_15 Datasheet
1,000Kb / 10P
PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLVBAFKA CREE-CLVBAFKA Datasheet
973Kb / 10P
Cree PLCC4 3-in-1 SMD LED
CLV1L-FKB CREE-CLV1L-FKB Datasheet
930Kb / 9P
Cree PLCC4 3 in 1 SMD LED
CLMUC-FKA CREE-CLMUC-FKA Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMVB-FKA CREE-CLMVB-FKA Datasheet
934Kb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 SMD LED
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com