Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLV1L-FKB Datasheet(PDF) 3 Page - Cree LED

Part # CLV1L-FKB
Description  CLV1L-FKB: PLCC4 3 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLV1L-FKB Datasheet(HTML) 3 Page - Cree LED

  CLV1L-FKB Datasheet HTML 1Page - Cree LED CLV1L-FKB Datasheet HTML 2Page - Cree LED CLV1L-FKB Datasheet HTML 3Page - Cree LED CLV1L-FKB Datasheet HTML 4Page - Cree LED CLV1L-FKB Datasheet HTML 5Page - Cree LED CLV1L-FKB Datasheet HTML 6Page - Cree LED CLV1L-FKB Datasheet HTML 7Page - Cree LED CLV1L-FKB Datasheet HTML 8Page - Cree LED CLV1L-FKB Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CLV1L-FKB: PLCC4 3 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1238
REV 9
3
INTENSITY BIN LIMIT
Red (20 mA)
Green (15 mA)
Blue (15 mA)
Bin Code
Min.(mcd)
Max.(mcd)
Bin Code
Min.(mcd)
Max.(mcd)
Bin Code
Min.(mcd)
Max.(mcd)
J
450
560
N
900
1120
E
180
224
km
505
635
st
1010
1260
bc
202
252
K
560
710
P
1120
1400
F
224
280
np
635
805
vw
1260
1600
de
252
318
M
710
900
Q
1400
1800
G
280
355
qr
805
1010
fg
318
403
*
Tolerance of measurement of luminous intensity is ±10%.
COLOR BIN LIMIT
Red (20 mA)
Green (15 mA)
Blue (15 mA)
Bin Code
Min.(nm)
Max.(nm)
Bin Code
Min.(nm)
Max.(nm)
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
G7
520
525
B3
460
465
G23
522.5
527.5
B23
462.5
467.5
G8
525
530
B4
465
470
G45
527.5
532.5
B45
467.5
472.5
G9
530
535
B5
470
475
*
Tolerance of measurement of dominant wavelength is ±1 nm.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com