Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM3350 Datasheet (PDF) - PMC-Sierra, Inc

PM3350 Datasheet PDF - PMC-Sierra, Inc
Part # PM3350
Download  PM3350 Download
File Size   39.6 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 8-Port 10 Mbit/s Switch

PM3350 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM3350 Datasheet PDF - PMC-Sierra, Inc

Part # PM3350
Download  PM3350 Click to download

File Size   39.6 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 8-Port 10 Mbit/s Switch

PM3350 Datasheet (HTML) - PMC-Sierra, Inc


PM3350 Product details

DESCRIPTION
The PM3350 is a low-cost, highly integrated, stand-alone, single-chip switching device for Ethernet/IEEE 802.3 switching and bridging applications. The device supports all processing required for switching Ethernet/IEEE 802.3 packets between eight independent half-duplex 10 Mbit/s ports. In addition, a switch built around the ELAN 8x10 can be expanded simply by connecting up to 7 additional devices to the on-chip 1 Gbit/s expansion port. Switch configuration and management can be performed either remotely (in-band), via the on-chip SNMP MIB, agent and integrated TCP/UDP/IP stack, or from a local CPU interfaced to the expansion port. The ELAN 8x10 also collects per-port and per-host RMON statistics at wire rates on all ports.

FEATURES
• Single-chip, 8-port 10BaseT Ethernet switch device for low-cost unmanaged and managed networks.
• On-chip 50 MHz RISC CPU processor core, multi-channel DMA controller, MAC-layer interface logic, FIFOs, PCI-based expansion port and a flexible memory controller.
• CPU supports background applications running on local OS (e.g., SNMP or RMON), and real-time data oriented applications (e.g., packet forwarding and filtering decisions).
• Concurrently switches packets between 8 independent half-duplex ports at the full Ethernet rate of 10 Mbit/s.
• Fully compatible with the PM3351 1-port 10/100 Mbit/s switch device; may be used to create a compact and inexpensive mixed 10/100 Mbit/s switch.
• Store-and-forward operation with full error checking and filtering.
• Filtering and switching at wire rates (up to 14,880 packets per second per port), supporting a mix of Ethernet and IEEE 802.3 protocols.
• Performs all address learning, address table management and aging functions for up to 32,768 MAC addresses (limited by external memory) with an address learning rate of up to 10,000 addresses per second.
• Maximum broadcast/multicast rate of 14,880 packets per second per port with configurable broadcast storm rate limiting.
• Low-latency operation in both unicast and broadcast modes.
• Implements the Link Partition function to isolate malfunctioning segments or hosts.
• IEEE 802.1d compliant spanning-tree transparent bridging supported on-chip, with configurable aging time and packet lifetime control.
• On-chip user-enabled backpressure flow control with configurable per-port buffer thresholds and limits.
• Expandable to 64 ports without loss in throughput using multiple PM3350 devices via an on-chip 1 Gbit/s expansion port.
• Expansion port supports a peak system bandwidth of 1 Gbit/s, and is compatible with industry-standard PCI bus (version 2.1).
• Interfaces directly to industry-standard 10BaseT Ethernet Medium Access Unit devices (LXT944 or similar) with no glue logic.
• Configuration, management, MIB statistics and diagnostics available in-band or out-of-band.
• Maintains and collects per-port and per-host statistics at wire rates, allowing a network switch comprised of PM3351 and PM3350 chips to implement RMON statistics (EtherStats and HostStats) using supplied on-chip firmware.
• Fully static CMOS operation at 50 MHz clock rates.
• 3.3 Volt core, 5 Volt compatible I/O
• 256 pin SBGA package.




Similar Part No. - PM3350

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3350 PMC-PM3350 Datasheet
1,015Kb / 224P
8 PORT ETHERNET SWITCH
PM3350 PMC-PM3350 Datasheet
51Kb / 2P
8-Port 10 Mbit/s Switch
PM3350-1 PMC-PM3350-1 Datasheet
51Kb / 2P
8-Port 10 Mbit/s Switch
PM3350-RC PMC-PM3350-RC Datasheet
1,015Kb / 224P
8 PORT ETHERNET SWITCH
PM3350-SW PMC-PM3350-SW Datasheet
1,015Kb / 224P
8 PORT ETHERNET SWITCH
More results


Similar Description - PM3350

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
32Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
PM3370 PMC-PM3370 Datasheet
28Kb / 2P
Octal 10/100 Mbit/s Switch Port-Controller
logo
Texas Instruments
TNETX3100 TI1-TNETX3100 Datasheet
1Mb / 80P
ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX3110 TI1-TNETX3110 Datasheet
831Kb / 65P
ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
TNETX4080 TI1-TNETX4080 Datasheet
796Kb / 64P
ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
logo
List of Unclassifed Man...
TL-SF1008D ETC2-TL-SF1008D Datasheet
481Kb / 2P
8-Port 10/100M Desktop Switch
logo
Level One
FSW-0812 LVL1-FSW-0812 Datasheet
101Kb / 2P
8-Port 10/100 PD Switch
logo
Texas Instruments
TNETX3150 TI1-TNETX3150 Datasheet
1Mb / 113P
ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
logo
PMC-Sierra, Inc
PM3350-1 PMC-PM3350-1 Datasheet
51Kb / 2P
8-Port 10 Mbit/s Switch
PM3351-1 PMC-PM3351-1 Datasheet
44Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com