Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM3351 Datasheet (PDF) - PMC-Sierra, Inc

PM3351 Datasheet PDF - PMC-Sierra, Inc
Part # PM3351
Download  PM3351 Download
File Size   32.02 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Single-Port 10/100 Mbit/s Ethernet Switch

PM3351 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM3351 Datasheet PDF - PMC-Sierra, Inc

Part # PM3351
Download  PM3351 Click to download

File Size   32.02 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Single-Port 10/100 Mbit/s Ethernet Switch

PM3351 Datasheet (HTML) - PMC-Sierra, Inc


PM3351 Product details

DESCRIPTION
The PM3351 is a low-cost, highly integrated stand-alone single-chip switching device for 10/100 Mbit/s Ethernet (IEEE 802.3u, IEEE 802.12) switching and bridging applications. The device supports all processing required for switching Ethernet packets between the on-chip Medium Independent Interface (MII) port and the built-in 1 Gbit/s expansion port, to which other PM3351 (ELAN 1x100) or PM3350 (ELAN 8x10) devices may be attached.

FEATURES
• Single-chip, 1-port, full duplex or half duplex, 10/100BaseT switching device for
   low-cost unmanaged and managed networks.
• On-chip 50 MHz RISC CPU processor core, multi-channel DMA controller,
   MAC-layer interface logic, FIFOs, PCI-based expansion port and a flexible
   memory controller.
• CPU supports background applications running on local OS (e.g., SNMP or
   RMON), and real-time data oriented applications (e.g., frame forwarding and
   filtering decisions).
• Performs frame switching at a rate of 200 Mbit/s (full duplex), 100 Mbit/s (half
   duplex).
• Fully compatible with the PM3350, 8-port 10 Mbit/s switch device; may be used
   to create a compact and inexpensive mixed 10/100 Mbit/s switching hub.
• Store-and-forward operation with full error checking and filtering.
• Filtering and switching at wire rates (up to 148,800 packets per second),
   supporting a mix of Ethernet and IEEE 802.3 protocols.
• Expansion port supports a peak system bandwidth of 1 Gbit/s, and is compatible
   with industry-standard PCI bus (version 2.1).
• Performs all address learning, address table management and aging functions
   for up to 32,768 MAC addresses (limited by external memory). Address
   learning rate of up to 100,000 addresses per second.
• Maximum broadcast/multicast at wire rates with configurable broadcast storm
   rate limiting.
• Low-latency operation in both unicast and broadcast modes.
• Implements the Link Partition function to isolate malfunctioning segments or
   hosts.
• IEEE 802.1d compliant spanning-tree transparent bridging supported on-chip,
   with configurable aging time and frame lifetime control.
• Flow control supported for both full duplex and half duplex operation: supports
   IEEE 802.3x PAUSE frame flow control in full-duplex mode, and supports user-enabled
   backpressure flow control in half-duplex mode with configurable buffer
   thresholds and limits.
• Configuration, management, MIB statistics and diagnostics available in-band or
   out-of-band.
• Maintains and collects per-port and per-host statistics at wire rates, allowing a
   network switch comprised of PM3351 and PM3350 chips to implement RMON
   statistics (EtherStats and HostStats) using supplied on-chip firmware.
• Interfaces directly to industry-standard 100 Mbit/s transceivers with no glue logic
   via the built-in Medium Independent Interface (MII) port with full support for the
   autonegotiation function implemented by the PHY devices.
• Fully static CMOS operation at 50 MHz clock rates.
• 3.3 Volt core, 5 Volt compatible I/O
• 208 pin PQFP package.




Similar Part No. - PM3351

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
978Kb / 268P
SINGLE PORT FAST ETHERNET SWITCH
PM3351 PMC-PM3351 Datasheet
44Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
PM3351-1 PMC-PM3351-1 Datasheet
44Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
PM3351-RC PMC-PM3351-RC Datasheet
978Kb / 268P
SINGLE PORT FAST ETHERNET SWITCH
PM3351-SW PMC-PM3351-SW Datasheet
978Kb / 268P
SINGLE PORT FAST ETHERNET SWITCH
More results


Similar Description - PM3351

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3350 PMC-PM3350 Datasheet
39Kb / 2P
8-Port 10 Mbit/s Switch
PM3370 PMC-PM3370 Datasheet
28Kb / 2P
Octal 10/100 Mbit/s Switch Port-Controller
logo
Infineon Technologies A...
ADM6996F INFINEON-ADM6996F Datasheet
2Mb / 69P
6 port 10/100 Mb/s Single Chip Ethernet Switch Controller
V1.03
ADM6996L INFINEON-ADM6996L Datasheet
1Mb / 61P
6 port 10/100 Mb/s Single Chip Ethernet Switch Controller
V1.04
logo
List of Unclassifed Man...
ADM6995L ETC1-ADM6995L Datasheet
1Mb / 57P
5 PORT 10/100 MB/s SINGLE CHIP ETHERNET SWITCH CONTROLLER
logo
Texas Instruments
TNETX3100 TI1-TNETX3100 Datasheet
1Mb / 80P
ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX3150 TI1-TNETX3150 Datasheet
1Mb / 113P
ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
logo
PMC-Sierra, Inc
PM3350-1 PMC-PM3350-1 Datasheet
51Kb / 2P
8-Port 10 Mbit/s Switch
PM3351-1 PMC-PM3351-1 Datasheet
44Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
logo
Infineon Technologies A...
ADM6999U INFINEON-ADM6999U Datasheet
5Mb / 85P
9 port 10/100 Mb/s Single Chip Ethernet Switch Controller
Data Sheet, Rev. 1.42, Nov. 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com