Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM3351 Datasheet (PDF) - PMC-Sierra, Inc

PM3351 Datasheet PDF - PMC-Sierra, Inc
Part # PM3351
Download  PM3351 Download
File Size   44.06 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Single-Port 10/100 Mbit/s Ethernet Switch

PM3351 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM3351 Datasheet PDF - PMC-Sierra, Inc

Part # PM3351
Download  PM3351 Click to download

File Size   44.06 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Single-Port 10/100 Mbit/s Ethernet Switch

PM3351 Datasheet (HTML) - PMC-Sierra, Inc


PM3351 Product details

FEATURES
• Single-chip, 1-port, full-duplex or half-duplex, 10/100BaseT switching device
   for low-cost unmanaged and managed
   networks.
• On-chip SmartPath 50 MHz RISC
   CPU core, multi-channel DMA
   controller, MAC-layer interface logic,
   FIFOs, PCI-based expansion port, and
   a flexible memory controller.
• CPU supports background applications
   running on local OS (e.g., SNMP), and
   real-time data-oriented applications
   (e.g., packet forwarding and filtering
   decisions).
• Performs packet switching at a rate of
   200 Mbit/s (full-duplex) or 100 Mbit/s
   (half-duplex).
• Fully compatible with the PM3350
   8-port 10 Mbit/s switch device; may be
   used to create a compact and
   inexpensive mixed 10/100 Mbit/s
   switching hub.
• Filtering and switching at wire rates (up
   to 148,8000 packets per second),
   supporting a mix of Ethernet and
   IEEE 802.3 protocols.
• Expansion port supports a peak
   system bandwidth of 1 Gbit/s, and is
   compatible with industry-standard PCI
   bus (version 2.1).
• Performs all address learning, address
   table management, and aging
   functions for up to 32,768 MAC
   addresses (limited by external
   memory). Address learning rate of up
   to 10,000 addresses per second.
• Maximum broadcast/multicast at wire
   rates with configurable broadcast
   storm rate limiting.
• Low-latency operation in both unicast
   and broadcast modes.
• Configuration, management, MIB
   statistics, and diagnostics available inband.
• Store-and-forward operation with full
   error checking and filtering.
• Flow control supported for both fullduplex and half-duplex operation;
   supports IEEE 802.3x PAUSE frame
   flow control in full-duplex mode, and
   supports user-enabled backpressure
   flow control in half-duplex mode.
• Maintains and collects per-port and
   per-host statistics at wire rates.
• Interfaces directly to industry-standard
   100 Mbit/s transceivers with no glue
   logic via the built-in Medium
   Independent Interface (MII) port with
   full support for the autonegotiation
   function implemented by the PHY
   devices.
• Fully static CMOS operation at 50 MHz
   clock rates.
• Implemented with a 3.3 V core and a
   5 V-compatible I/O.
• Available in a 208-pin PQFP package.




Similar Part No. - PM3351

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
32Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
PM3351 PMC-PM3351 Datasheet
978Kb / 268P
SINGLE PORT FAST ETHERNET SWITCH
PM3351-RC PMC-PM3351-RC Datasheet
978Kb / 268P
SINGLE PORT FAST ETHERNET SWITCH
PM3351-SW PMC-PM3351-SW Datasheet
978Kb / 268P
SINGLE PORT FAST ETHERNET SWITCH
More results


Similar Description - PM3351

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3350 PMC-PM3350 Datasheet
39Kb / 2P
8-Port 10 Mbit/s Switch
PM3351 PMC-PM3351 Datasheet
32Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
PM3370 PMC-PM3370 Datasheet
28Kb / 2P
Octal 10/100 Mbit/s Switch Port-Controller
logo
Infineon Technologies A...
ADM6996F INFINEON-ADM6996F Datasheet
2Mb / 69P
6 port 10/100 Mb/s Single Chip Ethernet Switch Controller
V1.03
ADM6996L INFINEON-ADM6996L Datasheet
1Mb / 61P
6 port 10/100 Mb/s Single Chip Ethernet Switch Controller
V1.04
logo
List of Unclassifed Man...
ADM6995L ETC1-ADM6995L Datasheet
1Mb / 57P
5 PORT 10/100 MB/s SINGLE CHIP ETHERNET SWITCH CONTROLLER
logo
Texas Instruments
TNETX3100 TI1-TNETX3100 Datasheet
1Mb / 80P
ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX3150 TI1-TNETX3150 Datasheet
1Mb / 113P
ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
logo
PMC-Sierra, Inc
PM3350-1 PMC-PM3350-1 Datasheet
51Kb / 2P
8-Port 10 Mbit/s Switch
logo
Infineon Technologies A...
ADM6999U INFINEON-ADM6999U Datasheet
5Mb / 85P
9 port 10/100 Mb/s Single Chip Ethernet Switch Controller
Data Sheet, Rev. 1.42, Nov. 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com