Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2004-02 Datasheet (PDF) - Integrated Circuit Systems

M2004-02 Datasheet PDF - Integrated Circuit Systems
Part # M2004-02
Download  M2004-02 Download
File Size   1587.28 Kbytes
Page   10 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Synthesizer

M2004-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
M2004-02 Datasheet PDF - Integrated Circuit Systems

Part # M2004-02
Download  M2004-02 Click to download

File Size   1587.28 Kbytes
Page   10 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Synthesizer

M2004-02 Datasheet (HTML) - Integrated Circuit Systems


M2004-02 Product details

DESCRIPTION

The M2004-02 integrates a high performance Phase Locked Loop (PLL) with a Voltage Controlled SAW Oscillator (VCSO) to provide a low jitter Frequency Synthesizer in a 9mm x 9mm surface mount package.

The internal high “Q” SAW filter provides low jitter signal performance and determines the maximum output frequency of the VCSO.

A programmable output divider can divide the VCSO frequency to achieve an output as low as 38.88MHz.



FEATURES

■ Output Clock Frequency up to 700MHz

■ Internal Low-jitter SAW-based Oscillator

■ Intrinsic Jitter <1ps rms (12kHz - 20MHz)

■ Differential Input Compatible with LVPECL, LVDS, HSTL, SSTL, etc.

■ Dual Input MUX

■ Parallel Programming

■ Tunable Loop Filter Response

■ Differential LVPECL Outputs

■ 3.3V Operation

■ Small 9mm x 9mm SMT Package



APPLICATIONS

■ SONET / SDH / 10GbE System Synchronization

■ Add / Drop Muxes, Access and Edge Switches

■ Line Card System Clock Cleaner / Translator

■ Optical Module Clock Cleaner / Translator



 




Similar Part No. - M2004-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M2004-01 ICST-M2004-01 Datasheet
1Mb / 10P
Frequency Synthesizer
M2004-01-622.0800 ICST-M2004-01-622.0800 Datasheet
1Mb / 10P
Frequency Synthesizer
M2004-01-625.0000 ICST-M2004-01-625.0000 Datasheet
1Mb / 10P
Frequency Synthesizer
M2004-01-627.3296 ICST-M2004-01-627.3296 Datasheet
1Mb / 10P
Frequency Synthesizer
M2004-01-644.5313 ICST-M2004-01-644.5313 Datasheet
1Mb / 10P
Frequency Synthesizer
More results


Similar Description - M2004-02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
Frequency synthesizer
January 1995
logo
NIHON DEMPA KOGYO
S510M804MB NDK-S510M804MB Datasheet
86Kb / 1P
Frequency Synthesizer
logo
Spectrum Microwave, Inc...
444034 SPECTRUM-444034 Datasheet
54Kb / 1P
FREQUENCY SYNTHESIZER
logo
Shoulder Electronics Li...
HDM9150 SHOULDER-HDM9150 Datasheet
188Kb / 6P
Frequency Synthesizer
logo
Mini-Circuits
DSN-1500A-1119 MINI-DSN-1500A-1119 Datasheet
842Kb / 11P
Frequency Synthesizer
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
FREQUENCY SYNTHESIZER
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com