Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM4354 Datasheet (PDF) - PMC-Sierra, Inc

PM4354 Datasheet PDF - PMC-Sierra, Inc
Part # PM4354
Download  PM4354 Download
File Size   64.63 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Four Channel Combined E1/T1/J1 Transceiver/Framer

PM4354 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM4354 Datasheet PDF - PMC-Sierra, Inc

Part # PM4354
Download  PM4354 Click to download

File Size   64.63 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Four Channel Combined E1/T1/J1 Transceiver/Framer

PM4354 Datasheet (HTML) - PMC-Sierra, Inc


PM4354 Product details

DESCRIPTION
The PM4354 Four Channel Combined E1/T1/J1 Transceiver and Framer (COMET-QUAD) is a feature-rich monolithic integrated circuit suitable for use in long haul and short haul T1, J1 and E1 systems with a minimum of external circuitry. The COMET-QUAD is software configurable, allowing feature selection without changes to external wiring.

FEATURES
• Monolithic device which integrates four, full-featured T1 and E1 framers and T1 and E1 short haul and long haul line interfaces.
• Software selectable between T1/J1 and E1 operation on a per-device basis.
• Meets or exceeds T1 and E1 shorthaul and longhaul network access specifications including ANSI T1.102, T1.403, T1.408, AT&T TR 62411, ITU-T G.703, G.704 as well as ETSI 300-011, CTR-4, CTR- 12 and CTR-13.
• Provides encoding and decoding of B8ZS, HDB3 and AMI line codes.
• Provides receive equalization, clock recovery and line performance monitoring.
• Provides transmit and receive jitter attenuation.
• Provides digitally programmable long haul and short haul line build out.
• Provides four full-featured HDLC controllers, each with 128-byte transmit and receive FIFO buffers.
• Automatically generates and transmits DS-1 performance report messages to ANSI T1.231 and ANSI T1.408 specifications.
• Supports Nx64Kbit/s fractional bandwidth backplane.
• Supports transfer of PCM data to/from 1.544MHz and 2.048MHz system-side devices. Also supports a fractional T1 or E1 system interface with independent backplane receive/backplane transmit Nx64Kbit/s rates. Supports a 2.048 MHz system-side interface for T1 mode without external clock gapping.
• Supports 8.192 Mbit/s, H-100 compatible, H-MVIP on the system interface for all T1 or E1 links, a separate 8.192 Mbit/s H-MVIP system interface for all T1 or E1 CAS channels and a separate 8.192 Mbit/s H-MVIP system interface for all T1 or E1 CCS, V5.1/V5.2, and GR.303 channels.
• Provides a selectable, per channel independent de-jittered T1 or E1 recovered clock for system timing and redundancy.
• Provides PRBS generators and detectors on each tributary for error testing at DS1, E1 and Nx64Kbit/s rates as recommended in ITU-T O.151 and O.152.
• Provides robbed bit signaling extraction and insertion on a per-DS0 basis.
• Register level compatibility with the PM4388 TOCTL Octal T1 Framer, the PM6388 EOCTL Octal E1 Framer, the PM4351 COMET E1/T1 transceiver, and the PM8315 TEMUX T1/E1 Framer with integrated Mapper and M13 MUX.
• Provides an 8-bit microprocessor bus interface for configuration, control, and status monitoring.
• Uses line rate system clock.
• Provides an IEEE P1149.1 (JTAG) compliant test access port (TAP) and controller for boundary scan test.
• Implemented in a low power 5 V tolerant 2.5/3.3 V CMOS technology.
• Available in a high density 208-pin fine pitch PBGA (17 mm by 17 mm) package.
• Provides a -40°C to +85°C Industrial temperature operating range.

APPLICATIONS
• Wireless Base Station, Transceiver or Digital Loop Carrier
• DSLAM
• Metro Optical Access Equipment
• Voice Gateway
• Enterprise Router
• SONET/SDH Multiplexer
• Channel and Data Service Units (CSU/DSU)
• Digital Private Branch Exchanges (PBX)
• Digital Access Cross-Connect Systems (DACS)
• ISDN Primary Rate Interfaces (PRI)
• Test Equipment




Similar Part No. - PM4354

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4354 PMC-PM4354 Datasheet
3Mb / 463P
FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PM4354 PMC-PM4354 Datasheet
52Kb / 2P
Four Channel Combined E1/T1/J1 Transceiver/Framer
PM4354-1 PMC-PM4354-1 Datasheet
52Kb / 2P
Four Channel Combined E1/T1/J1 Transceiver/Framer
PM4354-PI PMC-PM4354-PI Datasheet
3Mb / 463P
FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
More results


Similar Description - PM4354

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4351 PMC-PM4351 Datasheet
85Kb / 2P
Combined E1/T1/J1 Transceiver/Framer
PM4354 PMC-PM4354 Datasheet
3Mb / 463P
FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
logo
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
Octal T1/E1/J1 Framer
logo
Dallas Semiconductor
DS26401 DALLAS-DS26401 Datasheet
1Mb / 309P
Octal T1/E1/J1 Framer
logo
Integrated Device Techn...
IDT82V2108 IDT-IDT82V2108 Datasheet
1Mb / 272P
T1 / E1 / J1 OCTAL FRAMER
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38 Datasheet
4Mb / 451P
OCTAL T1/E1/J1 FRAMER
XRT84L38 EXAR-XRT84L38_06 Datasheet
5Mb / 453P
OCTAL T1/E1/J1 FRAMER
logo
PMC-Sierra, Inc
PM4351-1 PMC-PM4351-1 Datasheet
2Mb / 485P
COMBINED E1/T1 TRANSCEIVER/FRAMER
PM4354-1 PMC-PM4354-1 Datasheet
52Kb / 2P
Four Channel Combined E1/T1/J1 Transceiver/Framer
logo
Renesas Technology Corp
IDT82V2108 RENESAS-IDT82V2108 Datasheet
1Mb / 293P
T1 / E1 / J1 Octal Framer
November 26, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com