Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM4388 Datasheet (PDF) - PMC-Sierra, Inc

PM4388 Datasheet PDF - PMC-Sierra, Inc
Part # PM4388
Download  PM4388 Download
File Size   63.66 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Octal T1 Framer

PM4388 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM4388 Datasheet PDF - PMC-Sierra, Inc

Part # PM4388
Download  PM4388 Click to download

File Size   63.66 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Octal T1 Framer

PM4388 Datasheet (HTML) - PMC-Sierra, Inc


PM4388 Product details

DESCRIPTION
The PM4388 Octal T1 Framer (TOCTL) is a feature-rich device for use primarily in systems carrying data (frame relay, Point to Point Protocol, or other protocols) over DS-1 facilities. Each of the framers and transmitters is independently software configurable, allowing feature selection without changes to external wiring.
On the receive side, each of eight independent framers can be configured to frame to either of the common DS-1 signal formats: (SF, ESF) or to be bypassed (unframed mode). The TOCTL detects and indicates the presence of Yellow and AIS patterns and also integrates Yellow, Red, and AIS alarms.

FEATURES
• Integrates eight T1 framers in a single device for terminating duplex DS-1 signals.
• Supports SF and ESF format DS-1 signals.
• Supports transfer of PCM data to/from 1.544 MHz system-side devices. Also supports a fractional T1 system interface with independent ingress/egress NxDS0 rates. Supports a 2.048 MHz system-side interface without external clock gapping.
• Provides jitter attenuation in the receive and transmit directions.
• Provides per-DS0 line loopback and per link diagnostic and line loopbacks.
• Provides an integral pattern generator/detector that may be programmed to generate and detect common pseudo-random or repetitive sequences. The programmed sequence may be inserted/detected in the entire DS-1 frame, or on an NxDS0 basis, in both the ingress and egress directions. May be configured to transmit or detect in only the 7 most significant bits of selected channels, in order to support fractional T1 loopback codes in an N x 56kbps fractional T1 setup. Each framer possesses its own independent pattern generator/detector, and each detector counts pattern errors using a 32-bit saturating error counter.
• Provides robbed bit signaling extraction and insertion on a per-DS0 basis.
• Provides programmable idle code substitution, data and sign inversion, and digital milliwatt code insertion on a per-DS0 basis.
• Software compatible with the PM4341A T1XC Single T1 Transceiver and the PM4344 TQUAD Quad T1 Framer.
• Seamless interface to the PM8313 D3MX single chip M13 multiplex and to the PM4314 QDSX Quad Line Interface.
• Provides an 8-bit microprocessor bus interface for configuration, control, and status monitoring.
• Low power 3.3V CMOS technology with 5V tolerant inputs.
• Supports standard 5 signal P1149.1 JTAG boundary scan.
• Available in a 14 mm by 20 mm 128 pin Plastic Quad Flat Pack (PQFP) or an 11mm by 11mm 128 pin Chip Array Ball Grid Array (CABGA) package.

APPLICATIONS
• High density Internet T1 interfaces for multiplexers, switches, routers and digital modems.
• Frame Relay switches and access devices (FRADS)
• SONET/SDH Add Drop Multiplexers




Similar Part No. - PM4388

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4388 PMC-PM4388 Datasheet
1Mb / 284P
OCTAL T1 FRAMER
PM4388 PMC-PM4388 Datasheet
74Kb / 2P
Octal T1 Framer
PM4388-1 PMC-PM4388-1 Datasheet
74Kb / 2P
Octal T1 Framer
PM4388-NI PMC-PM4388-NI Datasheet
1Mb / 284P
OCTAL T1 FRAMER
PM4388-RI PMC-PM4388-RI Datasheet
1Mb / 284P
OCTAL T1 FRAMER
More results


Similar Description - PM4388

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4388 PMC-PM4388 Datasheet
1Mb / 284P
OCTAL T1 FRAMER
logo
Agere Systems
TFRA08C13 AGERE-TFRA08C13 Datasheet
2Mb / 188P
TFRA08C13 OCTAL T1/E1 Framer
October 2000
logo
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
Octal T1/E1/J1 Framer
logo
Dallas Semiconductor
DS26401 DALLAS-DS26401 Datasheet
1Mb / 309P
Octal T1/E1/J1 Framer
logo
Integrated Device Techn...
IDT82V2108 IDT-IDT82V2108 Datasheet
1Mb / 272P
T1 / E1 / J1 OCTAL FRAMER
logo
Cirrus Logic
CS62180 CIRRUS-CS62180 Datasheet
411Kb / 50P
T1 FRAMER
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38 Datasheet
4Mb / 451P
OCTAL T1/E1/J1 FRAMER
XRT84L38 EXAR-XRT84L38_06 Datasheet
5Mb / 453P
OCTAL T1/E1/J1 FRAMER
logo
PMC-Sierra, Inc
PM4388-1 PMC-PM4388-1 Datasheet
74Kb / 2P
Octal T1 Framer
logo
Renesas Technology Corp
IDT82V2108 RENESAS-IDT82V2108 Datasheet
1Mb / 293P
T1 / E1 / J1 Octal Framer
November 26, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com